Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 186 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 186 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 182Page - Renesas Technology Corp H8S2245 Datasheet HTML 183Page - Renesas Technology Corp H8S2245 Datasheet HTML 184Page - Renesas Technology Corp H8S2245 Datasheet HTML 185Page - Renesas Technology Corp H8S2245 Datasheet HTML 186Page - Renesas Technology Corp H8S2245 Datasheet HTML 187Page - Renesas Technology Corp H8S2245 Datasheet HTML 188Page - Renesas Technology Corp H8S2245 Datasheet HTML 189Page - Renesas Technology Corp H8S2245 Datasheet HTML 190Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 818 page
background image
Section 6 Bus Controller
Rev.3.00 Mar. 26, 2007 Page 144 of 772
REJ09B0355-0300
Bit 5—External Address Enable (EAE): Selects whether addresses H'010000 to H'01FFFF are
to be internal addresses or external addresses.
This setting is invalid in normal mode.
Bit 5
EAE
Description
0
Addresses H'010000 to H'01FFFF are in on-chip ROM (H8S/2246 and H8S/2245) or
a reserved area* (H8S/2244, H8S/2243, H8S/2242, and H8S/2241).
1
Addresses H'010000 to H'01FFFF are external addresses (external expansion mode)
or a reserved area* (single-chip mode).
(Initial value)
Note:
*
Reserved areas should not be accessed.
Bits 4 and 3—Reserved: Only 1 should be written to these bits.
Bit 2—Area Partition Unit Select (ASS): Selects the area partition unit.
Bit 2
ASS
Description
0
Area partition unit is 128 kbytes (1 Mbit)
1
Area partition unit is 2 Mbytes (16 Mbits)
(Initial value)
Bit 1—Reserved: Only 0 should be written to this bit.
Bit 0—WAIT Pin Enable (WAITE): Selects enabling or disabling of wait input by the
WAIT
pin.
Bit 0
WAITE
Description
0
Wait input by
WAIT pin disabled. WAIT pin can be used as I/O port.
(Initial value)
1
Wait input by
WAIT pin enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com