Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 186Page - Renesas Technology Corp H8S2245 Datasheet HTML 187Page - Renesas Technology Corp H8S2245 Datasheet HTML 188Page - Renesas Technology Corp H8S2245 Datasheet HTML 189Page - Renesas Technology Corp H8S2245 Datasheet HTML 190Page - Renesas Technology Corp H8S2245 Datasheet HTML 191Page - Renesas Technology Corp H8S2245 Datasheet HTML 192Page - Renesas Technology Corp H8S2245 Datasheet HTML 193Page - Renesas Technology Corp H8S2245 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 818 page
background image
Section 6 Bus Controller
Rev.3.00 Mar. 26, 2007 Page 148 of 772
REJ09B0355-0300
6.3.4
Advanced Mode
The initial state of each area is basic bus interface, 3-state access space. The initial bus width is
selected according to the operating mode. The bus specifications described here cover basic items
only, and the sections on each memory interface should be referred to for further details.
Area 0
Area 0 includes on-chip ROM, and in ROM-disabled expansion mode, all of area 0 is external
space. In ROM-enabled expansion mode, the space excluding on-chip ROM is external space.
When area 0 external space is accessed, the
CS0 signal can be output.
Either basic bus interface or burst ROM interface can be selected for area 0.
The size of area 0 is switched between 128 kbytes and 2 Mbytes according to the state of the ASS
bit.
Areas 1 to 6
In external expansion mode, all of area 1 to 6 is external space.
When area 1 to 3 external space is accessed, the
CS1 and CS3 pin signals respectively can be
output.
Only the basic bus interface can be used for areas 1 and 6.
The size of areas 1 to 6 is switched between 128 kbytes and 2 Mbytes according to the state of the
ASS bit.
Area 7
Area 7 includes the on-chip RAM and internal I/O registers. In external expansion mode, the space
excluding the on-chip RAM and internal I/O registers is external space. The on-chip RAM is
enabled when the RAME bit in the system control register (SYSCR) is set to 1; when the RAME
bit is cleared to 0, the on-chip RAM is disabled and the corresponding space becomes external
space.
Only the basic bus interface can be used for the area 7.
The size of area 7 is switched between 15 Mbytes and 2 Mbytes according to the state of the ASS
bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com