Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 187Page - Renesas Technology Corp H8S2245 Datasheet HTML 188Page - Renesas Technology Corp H8S2245 Datasheet HTML 189Page - Renesas Technology Corp H8S2245 Datasheet HTML 190Page - Renesas Technology Corp H8S2245 Datasheet HTML 191Page - Renesas Technology Corp H8S2245 Datasheet HTML 192Page - Renesas Technology Corp H8S2245 Datasheet HTML 193Page - Renesas Technology Corp H8S2245 Datasheet HTML 194Page - Renesas Technology Corp H8S2245 Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 818 page
background image
Section 6 Bus Controller
Rev.3.00 Mar. 26, 2007 Page 149 of 772
REJ09B0355-0300
6.3.5
Areas in Normal Mode
In normal mode, a 64-kbyte address space comprising part of area 0 is controlled. Area
partitioning is not performed in normal mode. In ROM-disabled expansion mode, the space
excluding the on-chip RAM and internal I/O registers is external space. In ROM-enabled
expansion mode the space excluding the on-chip ROM, on-chip RAM, and internal I/O registers is
external space. The on-chip RAM is enabled when the RAME bit in the system control register
(SYSCR) is set to 1; when the RAME bit is cleared to 0, the on-chip RAM is disabled and the
corresponding addresses become external space.
When external space is accessed, the
CS0 signal can be output.
In normal mode, the basic bus interface or burst ROM interface can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com