Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H8S2245 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # H8S2245
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family / H8S/2200 Series
PDF  818 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2245 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button H8S2245 Datasheet HTML 184Page - Renesas Technology Corp H8S2245 Datasheet HTML 185Page - Renesas Technology Corp H8S2245 Datasheet HTML 186Page - Renesas Technology Corp H8S2245 Datasheet HTML 187Page - Renesas Technology Corp H8S2245 Datasheet HTML 188Page - Renesas Technology Corp H8S2245 Datasheet HTML 189Page - Renesas Technology Corp H8S2245 Datasheet HTML 190Page - Renesas Technology Corp H8S2245 Datasheet HTML 191Page - Renesas Technology Corp H8S2245 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 818 page
background image
Section 6 Bus Controller
Rev.3.00 Mar. 26, 2007 Page 146 of 772
REJ09B0355-0300
6.3.2
Bus Specifications
The external space bus specifications consist of three elements: (1) bus width, (2) number of
access states, and (3) number of program wait states.
The bus width and number of access states for on-chip memory and internal I/O registers are
fixed, and are not affected by the bus controller.
(1) Bus Width: A bus width of 8 or 16 bits can be selected with ABWCR. An area for which an
8-bit bus is selected functions as an 8-bit access space, and an area for which a 16-bit bus is
selected functions as a16-bit access space.
If all areas are designated for 8-bit access, 8-bit bus mode is set; if any area is designated for 16-bit
access, 16-bit bus mode is set. When the burst ROM interface is designated, 16-bit bus mode is
always set.
(2) Number of Access States: Two or three access states can be selected with ASTCR. An area
for which 2-state access is selected functions as a 2-state access space, and an area for which 3-
state access is selected functions as a 3-state access space.
With the burst ROM interface, the number of states is one or two regardless of the ASTCR setting.
When 2-state access space is designated, wait insertion is disabled.
(3) Number of Program Wait States: When 3-state access space is designated by ASTCR, the
number of program wait states to be inserted automatically is selected with WCRH and WCRL.
From 0 to 3 program wait states can be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com