Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 123Page - Renesas Technology Corp M16C/26 Datasheet HTML 124Page - Renesas Technology Corp M16C/26 Datasheet HTML 125Page - Renesas Technology Corp M16C/26 Datasheet HTML 126Page - Renesas Technology Corp M16C/26 Datasheet HTML 127Page - Renesas Technology Corp M16C/26 Datasheet HTML 128Page - Renesas Technology Corp M16C/26 Datasheet HTML 129Page - Renesas Technology Corp M16C/26 Datasheet HTML 130Page - Renesas Technology Corp M16C/26 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 239 page
background image
Clock Synchronous Serial I/O Mode
121
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Table 1.15.4. Registers used in clock synchronous serial I/O mode and the register values set
Register
Bit
Function
UiTB(Note3)
0 to 7
Set transmission data
UiRB(Note3) 0 to 7
Reception data can be read
OER
Overrun error flag
UiBRG
0 to 7
Set a transfer rate
UiMR(Note3) SMD2 to SMD0
Set to “0012”
CKDIR
Select the internal clock or external clock
IOPOL
Set to “0”
UiC0
CLK1 to CLK0
Select the count source for the UiBRG register
CRS
Select CTS or RTS to use
TXEPT
Transmit register empty flag
CRD
Enable or disable the CTS or RTS function
NCH
Select TxDi pin output mode (Note 2)
CKPOL
Select the transfer clock polarity
UFORM
Select the LSB first or MSB first
UiC1
TE
Set this bit to “1” to enable transmission/reception
TI
Transmit buffer empty flag
RE
Set this bit to “1” to enable reception
RI
Reception complete flag
U2IRS (Note 1)
Select the source of UART2 transmit interrupt
U2RRM (Note 1)
Set this bit to “1” to use continuous receive mode
UiLCH
Set this bit to “1” to use inverted data logic
UiERE
Set to “0”
UiSMR
0 to 7
Set to “0”
UiSMR2
0 to 7
Set to “0”
UiSMR3
0 to 2
Set to “0”
NODC
Select clock output mode
4 to 7
Set to “0”
UiSMR4
0 to 7
Set to “0”
UCON
U0IRS, U1IRS
Select the source of UART0/UART1 transmit interrupt
U0RRM, U1RRM
Set this bit to “1” to use continuous receive mode
CLKMD0
Select the transfer clock output pin when CLKMD1 = 1
CLKMD1
Set this bit to “1” to output UART1 transfer clock from two pins
RCSP
Set this bit to “1” to accept as input the UART0 CTS0 signal from the P64 pin
7
Set to “0”
Note 1: Set the U0C1 and U1C1 register bit 4 and bit 5 to “0”. The U0IRS, U1IRS, U0RRM and U1RRM bits
are in the UCON register.
Note 2: TxD2 pin is N channel open-drain output. Set the U2C0 register's NCH bit to “0”.
Note 3: Not all register bits are described above. Set those bits to “0” when writing to the registers in clock
synchronous serial I/O mode.
i=0 to 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com