Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 129 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 129 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 125Page - Renesas Technology Corp M16C/26 Datasheet HTML 126Page - Renesas Technology Corp M16C/26 Datasheet HTML 127Page - Renesas Technology Corp M16C/26 Datasheet HTML 128Page - Renesas Technology Corp M16C/26 Datasheet HTML 129Page - Renesas Technology Corp M16C/26 Datasheet HTML 130Page - Renesas Technology Corp M16C/26 Datasheet HTML 131Page - Renesas Technology Corp M16C/26 Datasheet HTML 132Page - Renesas Technology Corp M16C/26 Datasheet HTML 133Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 239 page
background image
Clock Synchronous Serial I/O Mode
123
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Pin name
Function
Method of selection
TxDi
(P63, P67, P70)
Serial data output
Serial data input
Transfer clock output
Transfer clock input
Programmable I/O port
(Outputs dummy data when performing reception only)
RxDi
(P62, P66, P71)
CLKi
(P61, P65, P72)
Internal/external clock select bit (bit 3 at address 03A016, 03A816, 037816) = 0
Internal/external clock select bit (bit 3 at address 03A016, 03A816, 037816) = 1
Port P61, P65 and P72 direction register (bits 1 and 5 at address 03EE16,
bit 2 at address 03EF16) = 0
Port P62, P66 and P71 direction register (bits 2 and 6 at address 03EE16,
bit 1 at address 03EF16)= 0
(Can be used as an input port when performing transmission only)
CTS/RTS disable bit (bit 4 at address 03A416, 03AC16, 037C16) = 0
CTS/RTS function select bit (bit 2 at address 03A416, 03AC16, 037C16) = 0
Port P60, P64 and P73 direction register (bits 0 and 4 at address 03EE16,
bit 3 at address 03EF16) = 0
CTS/RTS disable bit (bit 4 at address 03A416, 03AC16, 037C16) = 0
CTS/RTS function select bit (bit 2 at address 03A416, 03AC16, 037C16) = 1
CTS/RTS disable bit (bit 4 at address 03A416, 03AC16, 037C16) = 1
CTS input
RTS output
CTSi/RTSi
(P60, P64, P73)
(when transfer clock output from multiple pins is not selected)
Table 1.15.5 lists the functions of the input/output pins during clock synchronous serial I/O mode. This
table shows the pin functions when the transfer clock output from multiple pins function is not selected.
Note that for a period from when the UARTi operation mode is selected to when transfer starts, the TxDi
pin outputs an “H”. (If the N-channel open-drain is selected, this pin is in floating state.)
Table 1.15.5. Input/output pin functions in clock synchronous serial I/O mode
Table 1.15.6. P64 pin function in clock synchronous serial I/O mode
Pin function
Bit set value
U1C0 register
UCON register
PD6 register
CRD
CRS
RCSP
CLKMD1
CLKMD0
PD6_4
P64
1
0
0
Input: 0, Output: 1
CTS1
0
00
0
RTS1
1
00
CTS0(Note1)
0
CLKS1
0
0
00
1
0
1(Note 2)
1
Note 1: In addition to this, set the U0C0 register’s CRD bit to “0” (CTS0/RTS0 enabled) and the U0
C0 register’s CRS bit to “1” (RTS0 selected).
Note 2: When the CLKMD1 bit = 1 and the CLKMD0 bit = 0, the following logic levels are output:
• High if the U1C0 register’s CLKPOL bit = 0
• Low if the U1C0 register’s CLKPOL bit = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com