Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 159 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 159 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 155Page - Renesas Technology Corp M16C/26 Datasheet HTML 156Page - Renesas Technology Corp M16C/26 Datasheet HTML 157Page - Renesas Technology Corp M16C/26 Datasheet HTML 158Page - Renesas Technology Corp M16C/26 Datasheet HTML 159Page - Renesas Technology Corp M16C/26 Datasheet HTML 160Page - Renesas Technology Corp M16C/26 Datasheet HTML 161Page - Renesas Technology Corp M16C/26 Datasheet HTML 162Page - Renesas Technology Corp M16C/26 Datasheet HTML 163Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 239 page
background image
A-D Converter
153
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
A-D Converter
The A-D converter consists of one 10-bit successive approximation A-D converter circuit with a capacitive coupling
amplifier. Pins P100 to P107 also function as the analog signal input pins AN0 to AN7. The direction registers of these pins
for A-D conversion must therefore be set to input. The Vref connect bit (bit 5 at address 03D716) can be used to isolate the
resistance ladder of the A-D converter from the reference voltage input pin (VREF) when the A-D converter is not used.
Doing so stops any current flowing into the resistance ladder from VREF, reducing the power dissipation. When using the
A-D converter, start A-D conversion only after setting bit 5 of 03D716 to connect VREF.
The result of A-D conversion is stored in the A-D registers of the selected pins. When set to 10-bit precision, the low 8 bits
are stored in the even addresses and the high 2 bits in the odd addresses. When set to 8-bit precision, the low 8 bits are
stored in the even addresses. Table 1.16.1 shows the performance of the A-D converter. Figure 1.16.1 shows the
block diagram of the A-D converter, and Figures 1.16.2 and 1.16.3 show the A-D converter-related registers.
Item
Performance
Method of A-D conversion Successive approximation (capacitive coupling amplifier)
Analog input voltage (Note 1) 0V to AVCC (VCC)
Operating clock fAD (Note 2)
fAD, fAD/2, fAD/3, fAD/4, fAD/6, or fAD/12 where fAD=f(XIN)
Resolution
8-bit or 10-bit (selectable)
Integral nonlinearity error
When AVCC = VREF = 5V
• With 8-bit resolution: ±2LSB
• With 10-bit resolution: ±3LSB
When AVCC = VREF = 3.3V
• With 8-bit resolution: ±2LSB
• With 10-bit resolution: ±5LSB
Operating modes
One-shot mode, repeat mode, single sweep mode, repeat sweep mode 0,
and repeat sweep mode 1
Analog input pins
8pins (AN0 to AN7)
A-D conversion start condition • Software trigger
A-D conversion starts when the A-D conversion start flag changes to “1”
• External trigger (can be retriggered)
A-D conversion starts when the A-D conversion start flag is “1” and the
ADTRG/P15 input (shared with INT3) changes from “H” to “L”
Conversion speed per pin • Without sample and hold function
8-bit resolution: 49 fAD cycles, 10-bit resolution: 59 fAD cycles
• With sample and hold function
8-bit resolution: 28 fAD cycles, 10-bit resolution: 33 fAD cycles
Table 1.16.1. Performance of A-D converter
Note 1: Does not depend on use of sample and hold function.
Note 2: Divide the fAD if f(XIN) exceeds 10MHZ, and make
fAD frequency equal to or less than 10MHz.
Without sample and hold function, set the
fAD frequency to 250kHZ min.
With the sample and hold function, set the
fAD frequency to 1MHZ min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com