Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 163 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 163 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 159Page - Renesas Technology Corp M16C/26 Datasheet HTML 160Page - Renesas Technology Corp M16C/26 Datasheet HTML 161Page - Renesas Technology Corp M16C/26 Datasheet HTML 162Page - Renesas Technology Corp M16C/26 Datasheet HTML 163Page - Renesas Technology Corp M16C/26 Datasheet HTML 164Page - Renesas Technology Corp M16C/26 Datasheet HTML 165Page - Renesas Technology Corp M16C/26 Datasheet HTML 166Page - Renesas Technology Corp M16C/26 Datasheet HTML 167Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 239 page
background image
A-D Converter
157
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Figure 1.16.4. A-D conversion control registers in one-shot mode
(1) One-shot mode
In one-shot mode, the pin selected using the analog input pin select bits , is used for one-shot A-D
conversion. Table 1.16.3 shows the specifications of one-shot mode. Figure 1.16.4 shows the settings of
the A-D control registers in one-shot mode.
Table 1.16.3. One-shot mode specifications
Item
Function
Start condition
Stop condition
Interrupt request
generation timing
Input pin
Reading of A-D result
The pin selected by the analog input pin select bits is used for one A-D conversion
Specification
Writing "1" to the A-D conversion start flag
• End of A-D conversion (A-D conversion start flag changes to "0" - except when
external trigger is selected
• Writing "0" to the A-D conversion start flag
End of A-D conversion
Select one from AN0 to AN7
Read A-D register that corresponds to selected analog input pin
Note 2: If the VCUT bit is reset from "0" (Vref unconnected) to "1" (Vref connected), wait for 1 µs or more before starting
A-D conversion.
A-D control register 0 (Note 1)
Symbol
Address
When reset
ADCON0
03D616
00000XXX2
b7
b6
b5
b4
b3
b2
b1
b0
Analog input pin select
bit
Bit symbol
Bit name
Function
CH1
CH2
A-D operation mode
select bit 0
MD0
MD1
Trigger select bit
0 : Software trigger
1 : ADTRG trigger
TRG
ADST
A-D conversion start flag
0 : A-D conversion disabled
1 : A-D conversion started
Frequency select bit 0
Refer to table 1.16.2
CKS0
W
R
0
0
A-D control register 1 (Note 1)
Symbol
Address
When reset
ADCON1
03D716
0016
Bit name
Function
Bit symbol
b7
b6
b5
b4
b3
b2
b1
b0
A-D sweep pin
select bit
SCAN0
SCAN1
MD2
BITS
8/10-bit mode select bit
0 : 8-bit mode
1 : 10-bit mode
VCUT
Nothing is assigned.
Vref connect bit (Note 2)
A-D operation mode
select bit 1
Set to 0 when this mode is selected
1 : Vref connected
W
R
Invalid in one-shot mode
0
0 0 0 : AN0 is selected
0 0 1 : AN1 is selected
0 1 0 : AN2 is selected
0 1 1 : AN3 is selected
1 0 0 : AN4 is selected
1 0 1 : AN5 is selected
1 1 0 : AN6 is selected
1 1 1 : AN7 is selected
(Note 2)
b2 b1 b0
0 0 : One-shot mode
(Note 2)
b4 b3
CH0
1
Frequency select bit1
Refer to table 1.16.2
CKS1
Note 1: If the A-D control register is rewritten during A-D conversion, the conversion result is indeterminate.
Note 2: When changing A-D operation mode, set analog input pins again.
Note 1: If the A-D control register is rewritten during A-D conversion, the conversion result is indeterminate.
In an attempt to write to these bits, write 0. The value, if read, turns out to be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com