Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 162Page - Renesas Technology Corp M16C/26 Datasheet HTML 163Page - Renesas Technology Corp M16C/26 Datasheet HTML 164Page - Renesas Technology Corp M16C/26 Datasheet HTML 165Page - Renesas Technology Corp M16C/26 Datasheet HTML 166Page - Renesas Technology Corp M16C/26 Datasheet HTML 167Page - Renesas Technology Corp M16C/26 Datasheet HTML 168Page - Renesas Technology Corp M16C/26 Datasheet HTML 169Page - Renesas Technology Corp M16C/26 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 239 page
background image
Renesas Technology Corp.
A-D Converter
160
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
(4) Repeat sweep mode 0
In repeat sweep mode 0, the pins selected using the A-D sweep pin select bits , are used for repeat
sweep A-D conversion. Table 1.16.6 shows the specifications of repeat sweep mode 0. Figure 1.16.7
shows the settings of the A-D control registers in repeat sweep mode 0.
Figure 1.16.7. A-D conversion control registers in repeat sweep mode 0
Table 1.16.6. Repeat sweep mode 0 specifications
Item
Function
Start condition
Stop condition
Interrupt request
generation timing
Input pin
Reading of A-D result
The pin selected by the analog input pin select bits is used for one A-D conversion
Specification
Writing "1" to the A-D conversion start flag
Writing "0" to the A-D conversion start flag
None generated
Read A-D register that corresponds to selected analog input pin (at any time)
AN0 - AN1 (2 pins), AN0 - AN3 (4 pins), AN0 - AN5 (6 pins), or AN0 - AN7 (8 pins)
Note 2: If the VCUT bit is reset from "0" (Vref unconnected) to "1" (Vref connected), wait for 1 µs or more before starting
A-D conversion.
Note: If the A-D control register is rewritten during A-D conversion, the conversion result is indeterminate.
A-D control register 0 (Note)
Symbol
Address
When reset
ADCON0
03D616
00000XXX2
b7
b6
b5
b4
b3
b2
b1
b0
A-D control register 1 (Note 1)
Symbol
Address
When reset
ADCON1
03D716
0016
b7
b6
b5
b4
b3
b2
b1
b0
1 1
0
1
Note 1: If the A-D control register is rewritten during A-D conversion, the conversion result is indeterminate.
Analog input pin select
bit
Bit symbol
Bit name
Function
CH1
CH2
A-D operation mode
select bit 0
MD0
MD1
Trigger select bit
0 : Software trigger
1 : ADTRG trigger
TRG
ADST
A-D conversion start flag
0 : A-D conversion disabled
1 : A-D conversion started
Frequency select bit 0
Refer to table 1.16.2
CKS0
W
R
1 1 : Repeat sweep mode 0
b4 b3
CH0
Invalid in repeat sweep mode 0
Bit name
Function
Bit symbol
A-D sweep pin
select bit
SCAN0
SCAN1
MD2
BITS
8/10-bit mode select bit
0 : 8-bit mode
1 : 10-bit mode
VCUT
Nothing is assigned.
Vref connect bit (Note 2)
A-D operation mode
select bit 1
Set to 0 when this mode is selected
1 : Vref connected
W
R
Frequency select bit1
Refer to table 1.16.2
CKS1
In an attempt to write to these bits, write 0. The value, if read, turns out to be 0.
When repeat sweep mode 0 is selected
0 0 : AN0, AN1 (2 pins)
0 1 : AN0 to AN3 (4 pins)
1 0 : AN0 to AN5 (6 pins)
1 1 : AN0 to AN7 (8 pins)
b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com