Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 181Page - Renesas Technology Corp M16C/26 Datasheet HTML 182Page - Renesas Technology Corp M16C/26 Datasheet HTML 183Page - Renesas Technology Corp M16C/26 Datasheet HTML 184Page - Renesas Technology Corp M16C/26 Datasheet HTML 185Page - Renesas Technology Corp M16C/26 Datasheet HTML 186Page - Renesas Technology Corp M16C/26 Datasheet HTML 187Page - Renesas Technology Corp M16C/26 Datasheet HTML 188Page - Renesas Technology Corp M16C/26 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 239 page
background image
Electrical Characteristics (Vcc = 3V)
179
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
VCC = 3V
Table 1.18.24. Electrical characteristics (referenced to VCC = 2.7 to 3.3V, VSS = 0V
at Topr = – 20oC to 85oC / – 40oC to 85oC (Note 1), f(XIN) = 10MHZ with wait
unless otherwise specified)
RPULLUP
VRAM
RfXIN
Symbol
VOH
HIGH output
voltage
VOH
VOL
LOW output
voltage
LOW output
voltage
VOL
HIGH output
voltage
Standard
Typ.
Unit
Measuring condition
V
V
XOUT
2.5
2.5
V
0.5
V
XOUT
0.5
0.5
Min.
Max.
2.5
Parameter
IOH=-1mA
IOH=-0.1mA
IOH=-50
µA
IOL=1mA
IOL=0.1mA
P15 to P17, P60 to P67, P72 to P77, P80 to P83,
P85 to P87, P90 to P93, P100 to P107
HIGHPOWER
LOWPOWER
HIGHPOWER
LOWPOWER
HIGHPOWER
LOWPOWER
HIGH output
voltage
XCOUT
With no load applied
With no load applied
2.5
1.6
V
Hysteresis
Hysteresis
HIGH input
current
IIH
LOW input
current
IIL
RAM retention voltage
Icc
Power supply current
(Vcc=2.7 to 3.0V)
VT+-VT-
VT+-VT-
0.2
0.8
V
0.2
1.8
V
P15 to P17, P60 to P67, P70 to P77, P80 to P83,
P85 to P87,
P90 to P93, P100 to P107
XIN, RESET, CNVss
4.0
µA
µA
When clock is stopped
2.0
V
RESET
The output pins are open
and other pins are Vss
VI=3V
VI=0V
-4.0
RfXCIN
Feedback resistance
XIN
Feedback resistance
XCIN
25.0
3.0
M
Ω
M
Ω
Pull-up
resistance
160
k
Ω
LOW output
voltage
V
XCOUT
0
0
With no load applied
IOL=50
µA
With no load applied
HIGHPOWER
LOWPOWER
VI=0V
66
500
TA0IN to TA4IN, TB0IN to TB2IN,
INT0, INT1, INT3 to INT5, NMI,
ADTRG, CTS0 to CTS2, SCL, SDA,
CLK0 to CLK2, TA2OUT to TA4OUT,
KI0 to KI3, RxD0 to RxD2
P15 to P17, P60 to P67, P70 to P77, P80 to P83,
P85 to P87, P90 to P93, P100 to P107
P15 to P17, P60 to P67, P70 to P77, P80 to P83,
P85 to P87,
P90 to P93, P100 to P107
XIN, RESET, CNVss
P15 to P17, P60 to P67, P72 to P77, P80 to P83,
P85 to P87, P90 to P93, P100 to P107
Note 1: Specify a product of -40
°C to 85°C to use it.
Note 2: With one timer operated using fC32.
Flash memory
version
13
Square wave, no division
f(XIN) = 10MHz
mA
Flash memory
version
8
µA
f(XCIN) = 32kHz
Square wave, in RAM
Flash memory
version
25
Square wave, in Flash
f(XCIN) = 32kHz
µA
Flash memory
version
420
f(XCIN) = 32kHz
When a WAIT instruction
is executed.(Note 2)
Oscillation capacity High
µA
6.0
µA
f(XCIN) = 32kHz
When a WAIT instruction
is executed.(Note 2)
Oscillation capacity Low
1.8
µA
Topr = 25
°C
when clock is stopped
0.7
3.0
Note 3: IDET is dissipation current when the following bit is set to "1" (detection circuit enabled).
IDET4: VC27 bit of VCR2 register
IDET3: VC26 bit of VCR2 register
IDET4
VDET4 detection dissipation current (Note 3)
0.6
4
µA
IDET3
Reset level detection dissipation current (Note 3)
0.4
2
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com