Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 177Page - Renesas Technology Corp M16C/26 Datasheet HTML 178Page - Renesas Technology Corp M16C/26 Datasheet HTML 179Page - Renesas Technology Corp M16C/26 Datasheet HTML 180Page - Renesas Technology Corp M16C/26 Datasheet HTML 181Page - Renesas Technology Corp M16C/26 Datasheet HTML 182Page - Renesas Technology Corp M16C/26 Datasheet HTML 183Page - Renesas Technology Corp M16C/26 Datasheet HTML 184Page - Renesas Technology Corp M16C/26 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 239 page
background image
Electrical Characteristics (Vcc = 5V)
175
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
XIN
Symbol
VOH
VOH
HIGH output
voltage
VOH
VOL
LOW output
voltage
LOW output
voltage
VOL
LOW output
voltage
VOL
HIGH output
voltage
HIGH output
voltage
Standard
Typ.
Unit
Measuring condition
V
V
4.7
V
XOUT
3.0
3.0
V
2.0
0.45
V
V
XOUT
2.0
2.0
Min.
Max.
3.0
Parameter
IOH=-5mA
IOL=-1mA
IOH=-200
µA
IOH=-0.5mA
IOL=5mA
IOL=1mA
IOL=200
µA
IOL=0.5mA
HIGHPOWER
LOWPOWER
HIGHPOWER
LOWPOWER
HIGHPOWER
LOWPOWER
HIGH output
voltage
XCOUT
With no load applied
With no load applied
2.5
1.6
V
Hysteresis
Hysteresis
HIGH input
current
IIH
LOW input
current
IIL
VRAM
RAM retention voltage
Icc
Power supply current
(Vcc = 3.0 to 5.5V)
VT+-VT-
VT+-VT-
0.2
1.0
V
0.2
2.5
V
5.0
µA
µA
When clock is stopped
2.0
V
RESET
The output pins are open and
other pins are Vss
TA0IN to TA4IN, TB0IN to TB2IN,
INT0, INT1, INT3 to INT5, NMI,
ADTRG, CTS0 to CTS2, SCL, SDA,
CLK0 to CLK2, TA2OUT to TA4OUT,
KI0 to KI3, RxD0 to RxD2
VI=5V
VI=0V
-5.0
RfXIN
RfXCIN
Feedback resistance
Feedback resistance
XCIN
15
1.5
M
Ω
M
Ω
P15 to P17, P60 to P67, P70 to P77, P80 to P83,
P85 to P87,
P90 to P93, P100 to P107
XIN, RESET, CNVss
P15 to P17, P60 to P67, P70 to P77, P80 to P83,
P85 to P87,
P90 to P93, P100 to P107
XIN, RESET, CNVss
RPULLUP
Pull-up
resistance
50.0
k
Ω
LOW output
voltage
V
XCOUT
0
0
With no load applied
With no load applied
HIGHPOWER
LOWPOWER
VI=0V
30.0
170.0
P15 to P17, P60 to P67, P72 to P77, P80 to P83,
P85 to P87, P90 to P93, P100 to P107
P15 to P17, P60 to P67, P72 to P77, P80 to P83,
P85 to P87, P90 to P93, P100 to P107
P15 to P17, P60 to P67, P70 to P77, P80 to P83,
P85 to P87, P90 to P93, P100 to P107
P15 to P17, P60 to P67, P70 to P77, P80 to P83,
P85 to P87, P90 to P93, P100 to P107
P15 to P17, P60 to P67, P72 to P77, P80 to P83,
P85 to P87, P90 to P93, P100 to P107
Note 1: With one timer operated using fC32.
Note 2: Specify a product of -40
°C to 85°C to use it.
Note 3: IDET is dissipation current when the following bit is set to "1" (detection circuit enabled)
Square wave, in RAM
f(XCIN) = 32kHz
25
µA
Flash memory
version
Square wave, in Flash
f(XCIN) = 32kHz
µA
Flash memory
version
420
3.0
µA
f(XCIN) = 32kHz
When a WAIT instruction
is executed. (Note 1)
Oscillation capacity High
µA
f(XCIN) = 32kHz
When a WAIT instruction
is executed. (Note 1)
Oscillation capacity Low
2.0
µA
Flash memory
version
Topr = 25
°C
when clock is stopped
7.5
0.8
mA
Square wave, no division
f(XIN) = 20MHz
19
Flash memory
version
16
VCC
VCC
VCC
VCC
IDET4
IDET3
VDET4 detection dissipation current (Note 3)
Reset level detection dissipation current (Note 3)
0.7
4
µA
1.2
8
µA
VCC = 5V
Table 1.18.10. Electrical characteristics (referenced to VCC = 4.2V to 5.5V, VSS = 0V
at Topr = – 20oC to 85oC / – 40oC to 85oC (Note 2), f(XIN) = 20MHZ unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com