Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 178 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 178 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 174Page - Renesas Technology Corp M16C/26 Datasheet HTML 175Page - Renesas Technology Corp M16C/26 Datasheet HTML 176Page - Renesas Technology Corp M16C/26 Datasheet HTML 177Page - Renesas Technology Corp M16C/26 Datasheet HTML 178Page - Renesas Technology Corp M16C/26 Datasheet HTML 179Page - Renesas Technology Corp M16C/26 Datasheet HTML 180Page - Renesas Technology Corp M16C/26 Datasheet HTML 181Page - Renesas Technology Corp M16C/26 Datasheet HTML 182Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 239 page
background image
Renesas Technology Corp.
Electrical Characteristics
172
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Note 1: The mean output current is the mean value within 100ms.
Note 2: The total IOL (peak) output current for all ports must be 80mA max. The total IOH (peak) output current for all ports must be
-80mA max.
Note 3: Specify a product of -40°C to 85°C to use it.
Note 4: Relationship between main clock oscillation frequency and supply voltage.
Table 1.18.3. Recommended operating conditions (referenced to VCC = 2.7V to 5.5V
at Topr = – 20oC to 85oC / – 40oC to 85oC (Note 3) unless otherwise specified)
Main clock input oscillation frequency
( No wait )
20.0
0.0
Supply voltage
[V]
(BCLK: no division)
5.0
3.0
10.0
2.7
33.3 X VCC-80MHz
2.7
5.5
Typ.
Max.
Unit
Parameter
VCC
Supply voltage(VCC)
Symbol
Min.
Standard
Analog supply voltage
Vcc
AVcc
V
V
0
0
Analog supply voltage
Supply voltage
VIH
IOH (avg)
HIGH average
output current
mA
mA
Vss
AVss
0.8Vcc
V
V
V
Vcc
0.2Vcc
0
LOW input
voltage
IOH (peak)
HIGH peak output
current
HIGH input
voltage
-5.0
-10.0
P15 to P17, P60 to P67, P72 to P77, P80 to P83,
P85 to P87, P90 to P93, P100 to P107
P15 to P17, P60 to P67, P72 to P77, P80 to P83, P85 to P87,
P90 to P93, P100 to P107, XIN, RESET,
CNVss
LOW peak output
current
10.0
5.0
mA
f (XIN)
Main clock input
oscillation frequency
(Note4)
LOW average
output current
IOL (peak)
mA
IOL (avg)
V
P15 to P17, P60 to P67, P70 to P77, P80 to P83, P85 to P87,
P90 to P93, P100 to P107, XIN, RESET,
CNVss
P15 to P17, P60 to P67, P72 to P77, P80 to P83,
P85 to P87, P90 to P93, P100 to P107
P15 to P17, P60 to P67, P70 to P77, P80 to P83,
P85 to P87, P90 to P93, P100 to P107
P15 to P17, P60 to P67, P70 to P77, P80 to P83,
P85 to P87, P90 to P93, P100 to P107
P70, P71
0.8Vcc
6.5
V
VIL
No wait
33.33 X Vcc
-80
Vcc=3.0V to 5.5V
Vcc=2.7V to 3.0V
0
0
MHz
MHz
20
f (XCIN)
Subclock oscillation frequency
kHz
50
32.768
f (Ring)
Ring oscillation frequency
MHz
1
f (BCLK)
CPU operation clock
0
20
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com