Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 175Page - Renesas Technology Corp M16C/26 Datasheet HTML 176Page - Renesas Technology Corp M16C/26 Datasheet HTML 177Page - Renesas Technology Corp M16C/26 Datasheet HTML 178Page - Renesas Technology Corp M16C/26 Datasheet HTML 179Page - Renesas Technology Corp M16C/26 Datasheet HTML 180Page - Renesas Technology Corp M16C/26 Datasheet HTML 181Page - Renesas Technology Corp M16C/26 Datasheet HTML 182Page - Renesas Technology Corp M16C/26 Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 239 page
background image
Electrical Characteristics
173
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Table 1.18.5. Flash memory version electrical characteristics
(referenced to VCC = 5.0V, at Topr = 25oC, unless otherwise specified)
Table 1.18.4. A-D conversion characteristics (Notes 1–3)
LSB
AN0 to AN7 input
Note 2: AD operation clock frequency (ØAD frequency) must be 10 MHz or less. And divide the fAD if VCC is less than 4.2V,
and make ØAD frequency equal to or lower than fAD/2.
Note 3: When not using sample & hold function, ØAD frequency must be
≥ 250 kHz, but less than the upper limit set by Note 2.
When using sample & hold function, ØAD frequency must be
≥ 1MHz, but less than the upper limit set by Note 2.
Standard
Min.
Typ.
Max.
–
INL
Resolution
Integral
non-
linearity
error
10
Symbol
Parameter
Measuring condition
Unit
VREF =VCC
AN0 to AN7 input
VREF=
VCC =
5V
Bits
LSB
±3
VREF =VCC =3.3V
8 bit
±2
RLADDER
tCONV
Ladder resistance
Conversion time(10bit), Sample & hold
function available
Reference voltage
Analog input voltage
k
Ω
µs
V
VIA
VREF
V
0
2.0
10
VCC
VREF
40
3.3
Conversion time(8bit), Sample & hold
function available
µs
2.8
tCONV
tSAMP
Sampling time
0.3
µs
VREF =VCC
VREF =VCC = 5V, øAD=10MHz
VREF =VCC = 5V, øAD=10MHz
DNL
Differential non-linearity error
Offset error
Gain error
–
–
LSB
LSB
LSB
±1
±3
±3
Note 1: Referenced to VCC = AVCC=VREF=3.3 to 5.5V, VSS=AVSS=0V at Topr = -20 to 85 ˚C / -40 to 85 ˚C unless otherwise
specified. Specify a product of -40 to 85 ˚C to use it.
10 bit
VREF=
VCC =
3.3V
±5
LSB
Absolute
accuracy
–
8 bit
10 bit
LSB
AN0 to AN7 input
AN0 to AN7 input
VREF=
VCC =
5V
LSB
±3
VREF =VCC =3.3V
±2
VREF=
VCC =
3.3V
±5
LSB
Word program time
Block erase time:
2Kbyte block
8Kbyte block
16Kbyte block
32Kbyte block
75
0.2
0.4
0.7
1.2
us
s
Parameter
Standard
Min.
Typ.
Max.
Unit
_
_
_
_
_
~1K E/W cycles ~10K E/W cycles
_
_
_
_
_
100
0.3
_
_
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com