Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 173Page - Renesas Technology Corp M16C/26 Datasheet HTML 174Page - Renesas Technology Corp M16C/26 Datasheet HTML 175Page - Renesas Technology Corp M16C/26 Datasheet HTML 176Page - Renesas Technology Corp M16C/26 Datasheet HTML 177Page - Renesas Technology Corp M16C/26 Datasheet HTML 178Page - Renesas Technology Corp M16C/26 Datasheet HTML 179Page - Renesas Technology Corp M16C/26 Datasheet HTML 180Page - Renesas Technology Corp M16C/26 Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 239 page
background image
Electrical Characteristics
171
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Operating ambient temperature
Parameter
Unit
Input
voltage
Analog supply voltage
Supply voltage
Output
voltage
VO
-0.3 to VCC+0.3
-0.3 to VCC+0.3
Pd
Power dissipation
Storage temperature
Rated Value
V
V
V
Condition
VI
AVCC
VCC
Tstg
Topr
Symbol
mW
P15 to P17, P60 to P67, P72 to P77,
P80 to P83, P85 to P87, P90 to P93,
P100 to P107, XOUT
P70, P71
P70, P71
-0.3 to 6.5
V
V
P15 to P17, P60 to P67, P72 to P77,
P80 to P83,P85 to P87, P90 to P93,
P100 to P107, XIN, VREF, RESET, CNVSS
VCC=AVCC
VCC=AVCC
-0.3 to 6.5
V
-0.3 to 6.5
-65 to 150
300
-20 to 85 / -40 to 85 (Note)
-0.3 to 6.5
C
Topr=25 C
C
Electrical Characteristics
Table 1.18.1. Absolute maximum ratings
Note : Specify a product of -40°C to 85°C to use it.
Note 1: When not otherwise specified, Vcc = 2.7-5.5V; Topr = 0-60 C.
Note 2: Vcc=5.0V; Topr = 25 C.
Note 3: Definition of E/W cycle: Each block may be written to a variable number of times - up to a maximum of the total number of
distinct word addresses - for every block erase. Performing multiple writes to the same address before an erase operation is
prohibited.
Note 4: Maximum number of E/W cycles for which operation is guaranteed.
Note 5: Topr = -40-85 C (D3, D7, U3, U7) / -20-85 C (D5, D9, U5, U9).
Note 6: When not otherwise specified, Vcc = 2.7-5.5V; Topr = -20-85 C (D9, U9) / -40-85 C (D7, U7).
Note 7: Table 1.18.2b applies for Block A or B E/W cycles > 1000. Otherwise, use Table 1.18.2a.
Note 8: To reduce the number of E/W cycles, a block erase should ideally be performed after writing as many different word
addresses (only one time each) as possible. It is important to track the total number of block erases.
Note 9: Should erase error
occur during block erase, attempt to execute clear status register command, then block erase
command at least three times until erase error disappears.
Note 10: When Block A or B E/W cycles exceed 100 (D7, D9, U7, U9), select one wait state per block access. When
FMR17 is set to "1", one wait state is inserted per access to Block A or B - regardless of the value of PM17.
Wait state insertion during access to all other blocks, as well as to internal RAM, is controlled by PM17 -
regardless of the setting of FMR17.
Note 11: Customers desiring E/W failure rate information should contact their Renesas technical support representative.
100 (Note 4)
Typ.
(Note 2)
Max.
Unit
Parameter
Erase/Write cycle (Note 3)
Symbol
Min.
Standard value
Word write time
75
s
0.2
0.4
Block erase time
td(SR-ES)
cycle
year
–
–
–
µs
600
2Kbyte block
8Kbyte block
16Kbyte block
32Kbyte block
Time delay from Suspend Request until Erase Suspend
0.7
9
1.2
9
9
9
20
10
s
s
s
ms
Table 1.18.2a. Characteristics (Note 1) for 100 E/W cycle products (D3, D5, U3, U5)
–
10000 (Notes 4, 10)
Typ.
(Note 2)
Max.
Unit
Parameter
Erase/Write cycle (Notes 3, 8, 9)
Symbol
Min.
Standard value
Word write time
100
s
0.3
Block erase time (2Kbyte block)
td(SR-ES)
cycle
–
–
–
µs
Time delay from Suspend Request until Erase Suspend
20
ms
Table 1.18.2b. Characteristics (Note 6) for 10000 E/W cycle products (D7, D9, U7, U9) [Block A and Block B (Note 7)]
Data retention time (Note 5)
Tables 1.18.2a. & 1.18.2b. Electrical Characteristics for Flash ROM E/W Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com