Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 194Page - Renesas Technology Corp M16C/26 Datasheet HTML 195Page - Renesas Technology Corp M16C/26 Datasheet HTML 196Page - Renesas Technology Corp M16C/26 Datasheet HTML 197Page - Renesas Technology Corp M16C/26 Datasheet HTML 198Page - Renesas Technology Corp M16C/26 Datasheet HTML 199Page - Renesas Technology Corp M16C/26 Datasheet HTML 200Page - Renesas Technology Corp M16C/26 Datasheet HTML 201Page - Renesas Technology Corp M16C/26 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 239 page
background image
Renesas Technology Corp.
CPU Rewrite Mode (Flash Memory Version)
192
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
Figure 1.20.1. Flash memory control registers 0, 1
Flash memory control register 0
Symbol
Address
When reset
FMR0
01B716
000000012
b7
b6
b5
b4
b3
b2 b1
b0
FMR00
Bit symbol
Bit name
Function
RW
0: Busy (being written or erased)
1: Ready
EW entry bit
(Note 1)
0: Normal mode
(Software commands invalid)
1: EW mode
(Software commands acceptable)
FMR01
8Kbyte EW mode enable bit
(Note 2)
0: EW mode disabled on 8Kbyte blocks
1: EW mode enabled on 8Kbyte blocks
Flash memory reset bit
(Note 3, Note 5)
0: Normal operation
1: Reset
Must always be set to 0
FMR02
FMSTP
Reserved bits
RY/BY status flag
0: Pass
1: Error
Program status flag (Note 6)
FMR06
0: Pass
1: Error
Erase status flag (Note 6)
FMR07
0
Flash memory control register 1
Symbol
Address
When reset
FMR1
01B516
2
b7
b6
b5
b4
b3
b2 b1
b0
Bit symbol
Bit name
Function
RW
EW mode select bit (Note 1)
0: EW0 mode
1: EW1 mode
FMR11
0
Reserved bit
Must always be set to "1"
FMR17
1
1
0
Nothing is assigned.
In an attempt to write to these bits, write 0. The value, if read, turns out to be
indeterminate.
0XX00101
Reserved bits
Reserved bit
Must always be set to "0"
Must always be set to "1"
0
Blocks A and B access wait
bit (Note 7)
0: PM17 controls wait state insertion
1: Wait state inserted (1 wait)
Flash memory control register 4
Symbol
Address
When reset
FMR4
01B316
01000000 2
b7
b6
b5
b4
b3
b2 b1
b0
FMR40
Bit symbol
Bit name
Function
RW
0: Invalid
1: Valid
Suspend request (Note 4)
0: Erase restart
1: Suspend request
FMR41
Must always be set to 0
Reserved bits
Must always be set to 0
Reserved bits
Suspend enable (Note 1)
0: Erase Active
1: Erase Inactive
Suspend status
FMR46
0
0
0
0
0
Note 1: To set this bit to "1", write a "0" and then a "1" to it in succession. Make sure no interrupts or DMA
transfers occur before completion of these two write operations. While in EW0 mode, write to this
bit from a program located in other than flash memory.
Note 2: To set this bit to "1", first ensure that the CPU rewrite mode select bit is set = "1"; then write a "0"
followed by a "1" to FMR02 in succession. Make sure no interrupts or DMA transfers occur before
completion of these last two successive write operations. Additionally, bit FMR01 must also be set
to "1" prior to setting this bit to a "1".
Note 3: Effective only when the CPU rewrite mode select bit = "1". After writing "1", write "0" when RY/BY
status flag is "1".
Note 4: This bit becomes valid only when FMR40 = "1" and when in an erase operation.
•
In EW0 mode, this bit can be set to "0" or "1" by program.
•
In EW1 mode, this bit is automatically set to "1" when a maskable interrupt occurs. It can NOT be
set to "1" by program. (Writing "0" is available.)
Note 5: Write to this bit from a program in other than the flash memory.
Note 6: This flag is cleared to "0" by executing the Clear Status command.
Note 7: In cases where E/W cycles to Block A or B exceed 100 times (D7, D9, U7, U9), please set this bit
to "1" (with wait). When FMR17 is set to "1", one wait state is inserted per access to Block A or B -
regardless of the value of PM17. Wait state insertion during access to all other blocks, as well as
to internal RAM, is controlled by PM17 - regardless of the setting of FMR17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com