Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M16C/26 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # M16C/26
Description  16-BIT CMOS SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M16C/20 SERIES
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M16C/26 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button M16C/26 Datasheet HTML 195Page - Renesas Technology Corp M16C/26 Datasheet HTML 196Page - Renesas Technology Corp M16C/26 Datasheet HTML 197Page - Renesas Technology Corp M16C/26 Datasheet HTML 198Page - Renesas Technology Corp M16C/26 Datasheet HTML 199Page - Renesas Technology Corp M16C/26 Datasheet HTML 200Page - Renesas Technology Corp M16C/26 Datasheet HTML 201Page - Renesas Technology Corp M16C/26 Datasheet HTML 202Page - Renesas Technology Corp M16C/26 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 239 page
background image
CPU Rewrite Mode (Flash Memory Version)
193
Renesas Technology Corp.
M16C/26 Group
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Under
development
Preliminary Specifications Rev. 0.9
Specifications in this manual are tentative and subject to change.
End
Start
Execute read array command or reset flash
memory by setting flash memory reset bit (by
writing 1 and then 0 in succession) (Note 4)
Single-chip mode, memory expansion
mode, or boot mode (Note 1)
Set processor mode register (Note 2)
Using software command execute erase,
program, or other operation
(Set lock bit disable bit as required)
Jump to transferred control program in RAM
(Subsequent operations are executed by control
program in this RAM)
Transfer CPU rewrite mode control
program to internal RAM
(Boot mode only)
Write 0 to user ROM area select bit (Note 5)
Write 0 to CPU rewrite mode select bit
(Boot mode only)
Set user ROM area select bit to 1
Set CPU rewrite mode select bit to 1 (by
writing 0 and then 1 in succession)(Note 3)
*1
*1
Program in ROM
Program in RAM
Note 1: In EW0 mode, must not be set to boot mode.
Note 2: During CPU rewrite mode, set the BCLK as shown below using the main clock divide ratio select bit (bit 6
at address 000616 and bits 6 and 7 at address 000716):
6.25 MHz or less when wait bit (bit 7 at address 000516) = 0 (without internal access wait state)
10.0 MHz or less when wait bit (bit 7 at address 000516) = 1 (with internal access wait state)
Note 3: For CPU rewrite mode select bit to be set to 1 , the user needs to write a 0 and then a 1 to it in
succession. When it is not this procedure, it is not enacted in 1 . This is necessary to ensure that no
interrupt or DMA transfer will be executed during the interval. Write to this bit only when executing out of
an area other than the internal flash memory. Also only when NMI pin is H level.
Note 4: Before exiting the CPU rewrite mode after completing erase or program operation, always be sure to
execute a read array command or reset the flash memory.
Note 5: 1 can be set. However, when this bit is 1 , user ROM area is accessed.
EW0 mode operation procedure
Figure 1.20.2a. EW0 mode set/reset flowchart
Figure 1.20.2b. EW1 mode set/reset flowchart
End
Start
Single-chip mode or memory expansion mode
(Note 1)
Set processor mode register (Note 2)
Using software command execute erase,
program, or other operation
(Set lock bit disable bit as required)
Set EW1 mode select bit to 1 after
having set EW0 mode select bit to 1
(by writing 0 and then 1 in succession)(Note 3)
Write 0 to EW0 mode select bit
Program in ROM
Note 1: In EW0 mode, must not be set to boot mode.
Note 2: During CPU rewrite mode, set the BCLK as shown below using the main clock divide ratio select bit (bit 6
at address 000616 and bits 6 and 7 at address 000716):
6.25 MHz or less when wait bit (bit 7 at address 000516) = 0 (without internal access wait state)
10.0 MHz or less when wait bit (bit 7 at address 000516) = 1 (with internal access wait state)
Note 3: For CPU rewrite mode select bit to be set to 1 , the user needs to write a 0 and then a 1 to it in
succession. When it is not this procedure, it is not enacted in 1 . This is necessary to ensure that no
interrupt or DMA transfer will be executed during the interval. Write to this bit only when executing out of
an area other than the internal flash memory. Also only when NMI pin is H level.
Note 4: Before exiting the CPU rewrite mode after completing erase or program operation, always be sure to
execute a read array command or reset the flash memory.
Note 5: 1 can be set. However, when this bit is 1 , user ROM area is accessed.
EW1 mode operation procedure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com