Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 123 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 123 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 119Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 120Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 121Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 122Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 123Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 124Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 125Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 126Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 127Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 159 page
background image
123
AT/T89C51CC02
4126L–CAN–01/08
Table 97. CCAPnH Registers
CCAP0H (S:FAh)
CCAP1H (S:FBh)
PCA High Byte Compare/Capture Module n Register (n=0..1)
Reset Value = 0000 0000b
Table 98. CCAPnL Registers
CCAP0L (S:EAh)
CCAP1L (S:EBh)
PCA Low Byte Compare/Capture Module n Register (n=0..1)
Reset Value = 0000 0000b
765
43210
CCAPnH 7
CCAPnH 6
CCAPnH 5
CCAPnH 4
CCAPnH 3
CCAPnH 2
CCAPnH 1
CCAPnH 0
Bit Number
Bit Mnemonic
Description
7:0
CCAPnH 7:0
High byte of EWC-PCA comparison or capture values
765
43210
CCAPnL 7
CCAPnL 6
CCAPnL 5
CCAPnL 4
CCAPnL 3
CCAPnL 2
CCAPnL 1
CCAPnL 0
Bit Number
Bit Mnemonic
Description
7:0
CCAPnL 7:0
Low byte of EWC-PCA comparison or capture values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com