Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 126 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 126 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 122Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 123Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 124Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 125Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 126Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 127Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 128Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 129Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 130Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 159 page
background image
126
AT/T89C51CC02
4126L–CAN–01/08
Analog-to-Digital
Converter (ADC)
This section describes the on-chip 10-bit analog-to-digital converter of the
T89C51CC02. Eight ADC channels are available for sampling of the external sources
AN0 to AN7. An analog multiplexer allows the single ADC converter to select one from
the 8 ADC channels as ADC input voltage (ADCIN). ADCIN is converted by the 10-bit-
cascaded potentiometric ADC.
Two modes of conversion are available:
- Standard conversion (8 bits).
- Precision conversion (10 bits).
For the precision conversion, set bit PSIDLE in ADCON register and start conversion.
The device is in a pseudo-idle mode, the CPU does not run but the peripherals are
always running. This mode allows digital noise to be as low as possible, to ensure high
precision conversion.
For this mode it is necessary to work with end of conversion interrupt, which is the only
way to wake the device up.
If another interrupt occurs during the precision conversion, it will be served only after
this conversion is completed.
Features
•
8 channels with multiplexed inputs
•
10-bit cascaded potentiometric ADC
•
Conversion time 16 micro-seconds (typ.)
•
Zero Error (offset) ± 2 LSB max
•
Positive External Reference Voltage Range (VAREF) 2.4 to 3.0-volt (typ.)
•
ADCIN Range 0 to 3-volt
•
Integral non-linearity typical 1 LSB, max. 2 LSB
•
Differential non-linearity typical 0.5 LSB, max. 1 LSB
•
Conversion Complete Flag or Conversion Complete Interrupt
•
Selectable ADC Clock
ADC Port1 I/O Functions
Port 1 pins are general I/O that are shared with the ADC channels. The channel select
bit in ADCF register define which ADC channel/port1 pin will be used as ADCIN. The
remaining ADC channels/port1 pins can be used as general purpose I/O or as the alter-
nate function that is available.
A conversion launched on a channel which are not selected on ADCF register will not
have any effect.
VAREF
VAREF should be connected to a low impedance point and must remain in the range
specified VAREF absolute maximum range (See section “AC-DC”).
. If the ADC is not used, it is recommended to tie VAREF to VAGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com