Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 128 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 128 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 124Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 125Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 126Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 127Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 128Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 129Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 130Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 131Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 132Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 159 page
background image
128
AT/T89C51CC02
4126L–CAN–01/08
The bits SCH0 to SCH2 in ADCON register are used for the analog input channel
selection.
Table 102. Selected Analog input
Voltage Conversion
When the ADCIN is equals to VAREF the ADC converts the signal to 3FFh (full scale). If
the input voltage equals VAGND, the ADC converts it to 000h. Input voltage between
VAREF and VAGND are a straight-line linear conversion. All other voltages will result in
3FFh if greater than VAREF and 000h if less than VAGND.
Note that ADCIN should not exceed VAREF absolute maximum range (See section
“AC-DC”).
Clock Selection
The ADC clock is the same as CPU.
The maximum clock frequency is defined in the DC parmeter for A/D converter. A pres-
caler is featured (ADCCLK) to generate the ADC clock from the oscillator frequency.
if PRS = 0 then F
ADC = Fperiph / 64
if PRS > 0 then F
ADC = Fperiph / 2 x PRS
Figure 54. A/D Converter Clock
ADC Standby Mode
When the ADC is not used, it is possible to set it in standby mode by clearing bit ADEN
in ADCON register. In this mode the power dissipation is reduced.
SCH2
SCH1
SCH0
Selected Analog Input
00
0
AN0
00
1
AN1
01
0
AN2
01
1
AN3
10
0
AN4
10
1
AN5
11
0
AN6
11
1
AN7
Prescaler ADCLK
A/D
Converter
ADC Clock
CPU
CLOCK
CPU Core Clock Symbol
÷ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com