Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 131 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 131 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 127Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 128Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 129Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 130Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 131Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 132Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 133Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 134Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 135Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 159 page
background image
131
AT/T89C51CC02
4126L–CAN–01/08
Table 105. ADCLK Register
ADCLK (S:F2h)
ADC Clock Prescaler
Reset Value = XXX0 0000b
Table 106. ADDH Register
ADDH (S:F5h Read Only)
ADC Data High Byte Register
Reset Value = 00h
Table 107. ADDL Register
ADDL (S:F4h Read Only)
ADC Data Low Byte Register
Reset Value = 00h
765
43210
-
-
-
PRS 4PRS 3PRS 2PRS 1
PRS 0
Bit
Number
Bit
Mnemonic
Description
7 - 5
-
Reserved
The value read from these bits are indeterminate. Do not set these bits.
4-0
PRS4:0
Clock Prescaler
Fadc = Fcpuclock/(4*PRS)) in X1 mode
Fadc=Fcpuclock/(2*PRS) in X2 mode
765
43210
ADAT 9
ADAT 8
ADAT 7
ADAT 6
ADAT 5
ADAT 4
ADAT 3
ADAT 2
Bit
Number
Bit
Mnemonic
Description
7 - 0
ADAT9:2
ADC result
bits 9-2
765
43210
------
ADAT 1
ADAT 0
Bit
Number
Bit
Mnemonic
Description
7 - 2
-
Reserved
The value read from these bits are indeterminate. Do not set these bits.
1-0
ADAT1:0
ADC result
bits 1-0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com