Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 132 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 132 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 128Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 129Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 130Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 131Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 132Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 133Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 134Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 135Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 136Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 159 page
background image
132
AT/T89C51CC02
4126L–CAN–01/08
Interrupt System
Introduction
The CAN Controller has a total of 10 interrupt vectors: two external interrupts (INT0 and
INT1), three timer interrupts (timers 0, 1 and 2), a serial port interrupt, a PCA, a CAN
interrupt, a timer overrun interrupt and an ADC. These interrupts are shown below.
Figure 56. Interrupt Control System
ECAN
IEN1.0
EX0
IEN0.0
00
01
10
11
External
Interrupt 0
INT0#
EA
IEN0.7
EX1
IEN0.2
External
Interrupt 1
INT1#
ET0
IEN0.1
Timer 0
EC
IEN0.6
PCA
ET1
IEN0.3
Timer 1
ES
IEN0.4
UART
EADC
IEN1.1
A to D
Converter
ETIM
IEN1.2
CAN Timer
CAN
Interrupt Enable
Lowest Priority Interrupts
Highest
Priority Enable
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
00
01
10
11
Priority
Interrupts
TxDC
RxDC
AIN1:0
IPH/L
Controller
Timer 2
00
01
10
11
ET2
IEN0.5
TxD
RxD
CEX0:1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com