Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02CA-RATIM Datasheet(PDF) 124 Page - ATMEL Corporation

Part # T89C51CC02CA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02CA-RATIM Datasheet(HTML) 124 Page - ATMEL Corporation

Back Button T89C51CC02CA-RATIM Datasheet HTML 120Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 121Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 122Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 123Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 124Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 125Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 126Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 127Page - ATMEL Corporation T89C51CC02CA-RATIM Datasheet HTML 128Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 159 page
background image
124
AT/T89C51CC02
4126L–CAN–01/08
Table 99. CCAPMn Registers
CCAPM0 (S:DAh)
CCAPM1 (S:DBh)
PCA Compare/Capture Module n Mode registers (n=0..1)
Reset Value = X000 0000b
765
43210
-
ECOMn
CAPPn
CAPNn
MATn
TOGn
PWMn
ECCFn
Bit Number
Bit Mnemonic
Description
7-
Reserved
The Value read from this bit is indeterminate. Do not set this bit.
6ECOMn
Enable Compare Mode Module x bit
Clear to disable the Compare function.
Set to enable the Compare function.
The Compare function is used to implement the software Timer, the
high-speed output, the Pulse Width Modulator (PWM) and the
Watchdog Timer (WDT).
5
CAPPn
Capture Mode (Positive) Module x bit
Clear to disable the Capture function triggered by a positive edge
on CEXx pin.
Set to enable the Capture function triggered by a positive edge on
CEXx pin
4CAPNn
Capture Mode (Negative) Module x bit
Clear to disable the Capture function triggered by a negative edge
on CEXx pin.
Set to enable the Capture function triggered by a negative edge on
CEXx pin.
3MATn
Match Module x bit
Set when a match of the PCA Counter with the Compare/Capture
register sets CCFx bit in CCON register, flagging an interrupt.
2TOGn
Toggle Module x bit
The toggle mode is configured by setting ECOMx, MATx and TOGx
bits.
Set when a match of the PCA Counter with the Compare/Capture
register toggles the CEXx pin.
1PWMn
Pulse Width Modulation Module x Mode bit
Set to configure the module x as an 8-bit Pulse Width Modulator
with output waveform on CEXx pin.
0
ECCFn
Enable CCFx Interrupt bit
Clear to disable CCFx bit in CCON register to generate an interrupt
request.
Set to enable CCFx bit in CCON register to generate an interrupt
request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com