Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 71 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 71 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 67Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 68Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 69Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 70Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 71Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 72Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 73Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 74Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 75Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 140 page
background image
71
AT89C51AC3
4383D–8051–02/08
Table 31. TMOD Register
TMOD (S:89h)
Timer/Counter Mode Control Register
Reset Value = 0000 0000b
7
6
5
4
3
2
1
0
GATE1
C/T1#
M11
M01
GATE0
C/T0#
M10
M00
Bit
Number
Bit
Mnemonic Description
7
GATE1
Timer 1 Gating Control Bit
Clear to enable Timer 1 whenever TR1 bit is set.
Set to enable Timer 1 only while INT1# pin is high and TR1 bit is set.
6
C/T1#
Timer 1 Counter/Timer Select Bit
Clear for Timer operation: Timer 1 counts the divided-down system clock.
Set for Counter operation: Timer 1 counts negative transitions on external pin T1.
5
M11
Timer 1 Mode Select Bits
M11 M01
Operating mode
0
0
Mode 0: 8-bit Timer/Counter (TH1) with 5-bit prescaler (TL1).
0
1
Mode 1: 16-bit Timer/Counter.
1
0
Mode 2: 8-bit auto-reload Timer/Counter (TL1) (1)
1
1
Mode 3: Timer 1 halted. Retains count
1.
Reloaded from TH1 at overflow.
4
M01
3
GATE0
Timer 0 Gating Control Bit
Clear to enable Timer 0 whenever TR0 bit is set.
Set to enable Timer/Counter 0 only while INT0# pin is high and TR0 bit is set.
2
C/T0#
Timer 0 Counter/Timer Select Bit
Clear for Timer operation: Timer 0 counts the divided-down system clock.
Set for Counter operation: Timer 0 counts negative transitions on external pin T0.
1
M10
Timer 0 Mode Select Bit
M10 M00
Operating mode
0
0
Mode 0: 8-bit Timer/Counter (TH0) with 5-bit prescaler (TL0).
0
1
Mode 1: 16-bit Timer/Counter.
1
0
Mode 2: 8-bit auto-reload Timer/Counter (TL0) (2)
1
1
Mode 3: TL0 is an 8-bit Timer/Counter
TH0 is an 8-bit Timer using Timer 1’s TR0 and TF0 bits.
2.
Reloaded from TH0 at overflow.
0
M00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com