Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 57 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 57 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 53Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 54Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 55Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 56Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 57Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 58Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 59Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 60Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 61Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 140 page
background image
57
AT89C51AC3
4383D–8051–02/08
Boot Loader Jump Bit (BLJB):
- This bit indicates if on RESET the user wants to jump to this application at address
@0000h on FM0 or execute the boot loader at address @F800h on FM1.
- BLJB = 0 on parts delivered with bootloader programmed.
- To read or modify this bit, the APIs are used.
Boot Vector Address (SBV):
- This byte contains the MSB of the user boot loader address in FM0.
- The default value of SBV is FFh (no user boot loader in FM0).
- To read or modify this byte, the APIs are used.
Extra Byte (EB) and Boot Status Byte (BSB):
- These Bytes are reserved for customer use.
- To read or modify these Bytes, the APIs are used.
Hardware Boot Process
At the falling edge of RESET, the bit ENBOOT in AUXR1 register is initialized with the
value of Boot Loader Jump Bit (BLJB).
Further at the falling edge of RESET if the following conditions (called Hardware condi-
tion) are detected:
•
PSEN low,
•
EA high,
•
ALE high (or not connected).
–
After Hardware Condition the FCON register is initialized with the value 00h
and the PC is initialized with F800h (FM1).
The Hardware condition makes the bootloader to be executed, whatever BLJB value is.
If no hardware condition is detected, the FCON register is initialized with the value F0h.
Check of the BLJB value.
•
If bit BLJB = 1:
User application in FM0 will be started at @0000h (standard reset).
•
If bit BLJB = 0:
Boot loader will be started at @F800h in FM1.
Note:
1. As PSEN is an output port in normal operating mode (running user applications or
bootloader applications) after reset it is recommended to release PSEN after the fall-
ing edge of Reset is signaled.
The hardware conditions are sampled at reset signal Falling Edge, thus they can be
released at any time when reset input is low.
2. To ensure correct microcontroller startup, the PSEN pin should not be tied to ground
during power-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com