Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 41Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 42Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 43Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 44Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 45Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 46Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 47Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 48Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 140 page
background image
45
AT89C51AC3
4383D–8051–02/08
FSTA Register
Table 14. FSTA Register
FSTA Register (S:D3h)
Flash Status Register
Reset Value= 0000 0000b
Mapping of the Memory Space By default, the user space is accessed by MOVC A, @DPTR instruction for read only.
The column latches space is made accessible by setting the FPS bit in FCON register.
Writing is possible from 0000h to FFFFh, address bits 6 to 0 are used to select an
address within a page while bits 15 to 7 are used to select the programming address of
the page.
Setting FPS bit takes precedence on the EXTRAM bit in AUXR register.
The other memory spaces (user, extra row, hardware security) are made accessible in
the code segment by programming bits FMOD0 and FMOD1 in FCON register in accor-
dance with Table 15. A MOVC instruction is then used for reading these spaces.
Table 15. FM0 Blocks Select Bits
Notes:
1. The column latches reset is a new option introduced in the AT89C51AC3, and is not
available in T89C51CC01/2
Launching Programming
FPL3:0 bits in FCON register are used to secure the launch of programming. A specific
sequence must be written in these bits to unlock the write protection and to launch the
programming. This sequence is 5xh followed by Axh. Table 16 summarizes the memory
spaces to program according to FMOD1:0 bits.
7
6
5
4
3
2
1
0
SEQERR
FLOAD
Bit
Number
Bit
Mnemonic Description
7-2
unusesd
1
SEQERR
Flash activation sequence error
Set by hardware when the flash activation sequence(MOV FCON 5X and MOV
FCON AX )is not correct (See Error Repport Section)
Clear by software or clear by hardware if the last activation sequence was
correct (previous error are canceled)
0
FLOAD
Flash Colums latch loaded
Set by hardware when the first data is loaded in the column latches.
Clear by hardware when the activation sequence suceed (flash write sucess, or
reset column latch success)
FMOD1
FMOD0
FM0 Adressable space
0
0
User (0000h-FFFFh)
0
1
Extra Row(FF80h-FFFFh)
1
0
Hardware Security Byte (0000h)
1
1
Column latches reset (note1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com