Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 30Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 31Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 32Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 33Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 34Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 35Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 36Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 37Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 140 page
background image
34
AT89C51AC3
4383D–8051–02/08
Registers
Table 10. PCON Register
PCON (S87:h) Power configuration Register
Reset Value= XXXX 0000b
7
6
5
4
3
2
1
0
-
-
-
-
GF1
GF0
PD
IDL
Bit
Number
Bit
Mnemonic Description
7-4
-
Reserved
The value read from these bits is indeterminate. Do not set these bits.
3
GF1
General Purpose flag 1
One use is to indicate whether an interrupt occurred during normal operation or
during Idle mode.
2
GF0
General Purpose flag 0
One use is to indicate whether an interrupt occurred during normal operation or
during Idle mode.
1
PD
Power-Down Mode bit
Cleared by hardware when an interrupt or reset occurs.
Set to activate the Power-Down mode.
If IDL and PD are both set, PD takes precedence.
0
IDL
Idle Mode bit
Cleared by hardware when an interrupt or reset occurs.
Set to activate the Idle mode.
If IDL and PD are both set, PD takes precedence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com