Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 40Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 41Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 42Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 43Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 44Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 45Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 46Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 47Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 140 page
background image
44
AT89C51AC3
4383D–8051–02/08
Overview of FM0
Operations
Flash Registers (SFR)
The CPU interfaces to the flash memory through the FCON register, AUXR1 register
and FSTA register.
These registers are used to map the column latches, HSB, extra row and EEDATA in
the working data or code space.
FCON Register
Table 13. FCON Register
FCON Register (S:D1h)
Flash Control Register
Reset Value= 0000 0000b
7
6
5
4
3
2
1
0
FPL3
FPL2
FPL1
FPL0
FPS
FMOD1
FMOD0
FBUSY
Bit
Number
Bit
Mnemonic Description
7-4
FPL3:0
Programming Launch Command Bits
Write 5Xh followed by AXh to launch the programming according to FMOD1:0.
(see Table 16.)
3
FPS
Flash Map Program Space
When this bit is set:
The MOVX @DPTR, A instruction writes in the columns latches space
When this bit is cleared:
The MOVX @DPTR, A instruction writes in the regular XDATA memory space
2-1
FMOD1:0
Flash Mode
See Table 16.
0
FBUSY
Flash Busy
Set by hardware when programming is in progress.
Clear by hardware when programming is done.
Can not be changed by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com