Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 99 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 99 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 95Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 96Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 97Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 98Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 99Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 100Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 101Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 102Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 103Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 140 page
background image
99
AT89C51AC3
4383D–8051–02/08
Figure 58. PCA PWM Mode
PCA WatchDog Timer
An on-board WatchDog timer is available with the PCA to improve system reliability
without increasing chip count. WatchDog timers are useful for systems that are sensitive
to noise, power glitches, or electrostatic discharge. Module 4 is the only PCA module
that can be programmed as a WatchDog. However, this module can still be used for
other modes if the WatchDog is not needed. The user pre-loads a 16-bit value in the
compare registers. Just like the other compare modes, this 16-bit value is compared to
the PCA timer value. If a match is allowed to occur, an internal reset will be generated.
This will not cause the RST pin to be driven high.
To hold off the reset, the user has three options:
•
periodically change the compare value so it will never match the PCA timer,
•
periodically change the PCA timer value so it will never match the compare values,
or
•
disable the WatchDog by clearing the WDTE bit before a match occurs and then re-
enable it.
The first two options are more reliable because the WatchDog timer is never disabled as
in the third option. If the program counter ever goes astray, a match will eventually occur
and cause an internal reset. If other PCA modules are being used the second option not
recommended either. Remember, the PCA timer is the time base for all modules;
changing the time base for other modules would not be a good idea. Thus, in most appli-
cations the first solution is the best option.
CL rolls over from FFh TO 00h loads
CCAPnH contents into CCAPnL
CCAPnL
CCAPnH
8-Bit
Comparator
CL (8 bits)
“0”
“1”
CL < CCAPnL
CL > = CCAPnL
CEX
PWMn
CCAPMn.1
ECOMn
CCAPMn.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com