Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 17Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 18Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 19Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 20Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 21Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 22Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 23Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 24Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 140 page
background image
21
AT89C51AC3
4383D–8051–02/08
Internal Space
Lower 128 Bytes RAM
The lower 128 Bytes of RAM (see Figure 8) are accessible from address 00h to 7Fh
using direct or indirect addressing modes. The lowest 32 Bytes are grouped into 4
banks of 8 registers (R0 to R7). Two bits RS0 and RS1 in PSW register (see Figure 6)
select which bank is in use according to Table 4. This allows more efficient use of code
space, since register instructions are shorter than instructions that use direct address-
ing, and can be used for context switching in interrupt service routines.
Table 4. Register Bank Selection
The next 16 Bytes above the register banks form a block of bit-addressable memory
space. The C51 instruction set includes a wide selection of single-bit instructions, and
the 128 bits in this area can be directly addressed by these instructions. The bit
addresses in this area are 00h to 7Fh.
Figure 9. Lower 128 Bytes Internal RAM Organization
Upper 128 Bytes RAM
The upper 128 Bytes of RAM are accessible from address 80h to FFh using only indirect
addressing mode.
Expanded RAM
The on-chip 2048 Bytes of expanded RAM (ERAM) are accessible from address 0000h
to 07FFh using indirect addressing mode through MOVX instructions. In this address
range, the bit EXTRAM in AUXR register is used to select the ERAM (default) or the
XRAM. As shown in Figure 8 when EXTRAM = 0, the ERAM is selected and when
EXTRAM = 1, the XRAM is selected.
The size of ERAM can be configured by XRS2-0 bit in AUXR register (default size is
2048 Bytes).
Note:
Lower 128 Bytes RAM, Upper 128 Bytes RAM, and expanded RAM are made of volatile
memory cells. This means that the RAM content is indeterminate after power-up and
must then be initialized properly.
RS1
RS0
Description
0
0
Register bank 0 from 00h to 07h
0
1
Register bank 0 from 08h to 0Fh
1
0
Register bank 0 from 10h to 17h
1
1
Register bank 0 from 18h to 1Fh
Bit-Addressable Space
4 Banks of
8 Registers
R0-R7
30h
7Fh
(Bit Addresses 0-7Fh)
20h
2Fh
18h
1Fh
10h
17h
08h
0Fh
00h
07h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com