Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 22Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 23Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 24Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 25Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 26Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 27Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 28Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 29Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 140 page
background image
26
AT89C51AC3
4383D–8051–02/08
Reset Value = X001 0100b
Not bit addressable
Table 8. AUXR1 Register
AUXR1 (S:A2h)
Auxiliary Control Register 1
Reset Value = XXXX 00X0b
4-2
XRS1-0
ERAM size:
Accessible size of the ERAM
XRS 2:0 ERAM size
000
256 Bytes
001
512 Bytes
010
768 Bytes
011
1024 Bytes
100
1792 Bytes
101
2048 Bytes (default configuration after reset)
110
Reserved
111
Reserved
1
EXTRAM
Internal/External RAM (00h - FFh)
access using MOVX @ Ri/@ DPTR
0 - Internal ERAM access using MOVX @ Ri/@ DPTR.
1 - External data memory access.
0
A0
Disable/Enable ALE)
0 - ALE is emitted at a constant rate of 1/6 the oscillator frequency (or 1/3 if X2
mode is used)
1 - ALE is active only during a MOVX or MOVC instruction.
7
6
5
4
3
2
1
0
-
-
ENBOOT
-
GF3
0
-
DPS
Bit
Number
Bit
Mnemonic Description
7-6
-
Reserved
The value read from these bits is indeterminate. Do not set these bits.
5
ENBOOT
Enable Boot Flash
Set this bit for map the boot Flash between F800h -FFFFh
Clear this bit for disable boot Flash.
4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
GF3
General-purpose Flag 3
2
0
Always Zero
This bit is stuck to logic 0 to allow INC AUXR1 instruction without affecting GF3
flag.
1
-
Reserved for Data Pointer Extension.
0
DPS
Data Pointer Select Bit
Set to select second dual data pointer: DPTR1.
Clear to select first dual data pointer: DPTR0.
Bit
Number
Bit
Mnemonic Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com