Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89C51AC3-RDTIM Datasheet HTML 1Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 2Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 3Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 4Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 5Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 6Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 7Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 8Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 140 page
background image
Rev. 4383D–8051–02/08
Features
• 80C51 Core Architecture
• 256 Bytes of On-chip RAM
• 2048 Bytes of On-chip ERAM
• 64K Bytes of On-chip Flash Memory
– Data Retention: 10 Years at 85°C
– Read/Write Cycle: 100K
• Boot Code Section with Independent Lock Bits
• 2K Bytes of On-chip Flash for Bootloader
• In-System Programming by On-Chip UART Boot Program and IAP Capability
• 2K Bytes of On-chip EEPROM
Read/Write Cycle: 100K
• Integrated Power Monitor (POR: PFD) To Supervise Internal Power Supply
• 14-sources 4-level Interrupts
• Three 16-bit Timers/Counters
• Full Duplex UART Compatible 80C51
• High-speed Architecture
– In Standard Mode:
40 MHz (Vcc 3V to 5.5V, both Internal and external code execution)
60 MHz (Vcc 4.5V to 5.5V and Internal Code execution only)
– In X2 mode (6 Clocks/machine cycle)
20 MHz (Vcc 3V to 5.5V, both Internal and external code execution)
30 MHz (Vcc 4.5V to 5.5V and Internal Code execution only)
• Five Ports: 32 + 4 Digital I/O Lines
• Five-channel 16-bit PCA with
– PWM (8-bit)
– High-speed Output
– Timer and Edge Capture
• Double Data Pointer
• 21-bit WatchDog Timer (7 Programmable Bits)
• A 10-bit Resolution Analog to Digital Converter (ADC) with 8 Multiplexed Inputs
• SPI Interface (PLCC52 and VPFP64 packages only)
• On-chip Emulation Logic (Enhanced Hook System)
• Power Saving Modes
– Idle Mode
– Power-down Mode
• Power Supply: 3 volts to 5.5 volts
• Temperature Range: Industrial (-40° to +85°C)
• Packages: VQFP44, PLCC44, VQFP64, PLCC52
Description
The AT89C51AC3 is a high performance Flash version of the 80C51 single chip 8-bit
microcontrollers.
In X2 mode a maximum external clock rate of 20 MHz reaches a 300 ns cycle time.
Besides the AT89C51AC3 provides 64K Bytes of Flash memory including In-System
Programming (ISP) and IAP, 2K Bytes Boot Flash Memory, 2K Bytes EEPROM and
2048 byte ERAM.
Primary attention is paid to the reduction of the electro-magnetic emission of
AT89C51AC3.
Enhanced 8-bit
Microcontroller
with 64KB Flash
Memory
AT89C51AC3


Similar Part No. - AT89C51AC3-RDTIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51AC3-RDTIM ATMEL-AT89C51AC3-RDTIM Datasheet
1Mb / 141P
Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51AC3-RDTIM ATMEL-AT89C51AC3-RDTIM Datasheet
1Mb / 143P
Enhanced 8-bit Microcontroller with 64KB Flash Memory
More results

Similar Description - AT89C51AC3-RDTIM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C51AC2 ATMEL-T89C51AC2 Datasheet
1Mb / 117P
Enhanced 8-bit Microcontroller with 32 KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3 Datasheet
1Mb / 141P
Enhanced 8-bit Microcontroller with 64KB Flash Memory
AT89C51CC01 ATMEL-AT89C51CC01 Datasheet
1Mb / 170P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89C51AC2 ATMEL-AT89C51AC2_06 Datasheet
1Mb / 121P
Enhanced 8-bit Microcontroller with 32 KB Flash Memory
AT89C51AC3 ATMEL-AT89C51AC3_05 Datasheet
1Mb / 143P
Enhanced 8-bit Microcontroller with 64KB Flash Memory
T89C51CC01 ATMEL-T89C51CC01_03 Datasheet
1Mb / 160P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
T89C51CC02_0305 ATMEL-T89C51CC02_0305 Datasheet
1,003Kb / 145P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89C51AC2 ATMEL-AT89C51AC2_08 Datasheet
1Mb / 121P
Enhanced 8-bit Microcontroller with 32 KB Flash Memory
T89C51CC01 ATMEL-T89C51CC01_08 Datasheet
1Mb / 167P
Enhanced 8-bit Microcontroller with CAN Controller and Flash Memory
AT89LP51ED2-20JU ATMEL-AT89LP51ED2-20JU Datasheet
809Kb / 26P
8-bit Flash Microcontroller with 64KB Program Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com