Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 15 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 15 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 11Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 12Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 13Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 14Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 15Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 16Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 17Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 18Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 19Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 140 page
background image
15
AT89C51AC3
4383D–8051–02/08
Clock
The AT89C51AC3 core needs only 6 clock periods per machine cycle. This feature,
called”X2”, provides the following advantages:
•
Divides frequency crystals by 2 (cheaper crystals) while keeping the same CPU
power.
•
Saves power consumption while keeping the same CPU power (oscillator power
saving).
•
Saves power consumption by dividing dynamic operating frequency by 2 in
operating and idle modes.
•
Increases CPU power by 2 while keeping the same crystal frequency.
In order to keep the original C51 compatibility, a divider-by-2 is inserted between the
XTAL1 signal and the main clock input of the core (phase generator). This divider may
be disabled by the software.
An extra feature is available to start after Reset in the X2 mode. This feature can be
enabled by a bit X2B in the Hardware Security Byte. This bit is described in the section
"In-System Programming".
Description
The X2 bit in the CKCON register (see Table 2) allows switching from 12 clock cycles
per instruction to 6 clock cycles and vice versa. At reset, the standard speed is activated
(STD mode).
Setting this bit activates the X2 feature (X2 mode) for the CPU Clock only (see Figure
5.).
The Timers 0, 1 and 2, Uart, PCA or WatchDog switch in X2 mode only if the corre-
sponding bit is cleared in the CKCON register.
The clock for the whole circuit and peripheral is first divided by two before being used by
the CPU core and peripherals. This allows any cyclic ratio to be accepted on the XTAL1
input. In X2 mode, as this divider is bypassed, the signals on XTAL1 must have a cyclic
ratio between 40 to 60%. Figure 5. shows the clock generation block diagram. The X2
bit is validated on the XTAL1÷2 rising edge to avoid glitches when switching from the X2
to the STD mode. Figure 6 shows the mode switching waveforms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com