Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 36Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 37Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 38Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 39Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 40Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 41Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 42Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 43Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 140 page
background image
40
AT89C51AC3
4383D–8051–02/08
Figure 22. External Code Fetch Waveforms
Flash Memory
Architecture
AT89C51AC3 features two on-chip Flash memories:
•
Flash memory FM0:
containing 64K Bytes of program memory (user space) organized into 128 byte
pages,
•
Flash memory FM1:
2K Bytes for boot loader and Application Programming Interfaces (API).
The FM0 can be program by both parallel programming and Serial In-System Program-
ming (ISP) whereas FM1 supports only parallel programming by programmers. The ISP
mode is detailed in the "In-System Programming" section.
All Read/Write access operations on Flash Memory by user application are managed by
a set of API described in the "In-System Programming" section.
The bit ENBOOT in AUXR1 register is used to map FM1 from F800h to FFFFh. Figure
23 and Figure 24 show the Flash memory configuration with ENBOOT=1 and
ENBOOT=0.
Figure 23. Flash Memory Architecture with ENBOOT=1 (boot mode)
ALE
P0
P2
PSEN#
PCL
PCH
PCH
PCL
D7:0
D7:0
PCH
D7:0
CPU Clock
FFFFh
64K Bytes
FM0
0000h
Hardware Security (1 byte)
Column Latches (128 Bytes)
Extra Row (128 Bytes)
2K Bytes
Flash memory
FM1
boot space
FFFFh
F800h
FM1 mapped between FFFFh and
F800h when bit ENBOOT is set in
AUXR1 register
F800h
Memory space not accessible



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com