Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 100 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 96Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 97Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 98Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 99Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 100Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 101Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 102Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 103Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 140 page
background image
100
AT89C51AC3
4383D–8051–02/08
PCA Registers
Table 50. CMOD Register
CMOD (S:D9h)
PCA Counter Mode Register
Reset Value = 00XX X000b
7
6
5
4
3
2
1
0
CIDL
WDTE
-
-
-
CPS1
CPS0
ECF
Bit
Number
Bit
Mnemonic Description
7
CIDL
PCA Counter Idle Control bit
Clear to let the PCA run during Idle mode.
Set to stop the PCA when Idle mode is invoked.
6
WDTE
WatchDog Timer Enable
Clear to disable WatchDog Timer function on PCA Module 4,
Set to enable it.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2-1
CPS1:0
EWC Count Pulse Select bits
CPS1 CPS0
Clock source
0
0
Internal Clock, FPca/6
0
1
Internal Clock, FPca/2
1
0
Timer 0 overflow
1
1
External clock at ECI/P1.2 pin (Max. Rate = FPca/4)
0
ECF
Enable PCA Counter Overflow Interrupt bit
Clear to disable CF bit in CCON register to generate an interrupt.
Set to enable CF bit in CCON register to generate an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com