Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 90 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 86Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 87Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 88Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 89Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 90Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 91Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 92Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 93Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 140 page
background image
90
AT89C51AC3
4383D–8051–02/08
Figure 51. Mode Fault Conditions in Slave Mode
Note:
when SS is discarded (SS disabled) it is not possible to detect a MODF error in slave
mode because the SPI is internally selected. Also the SS pin becomes a general pur-
pose I/O.
OverRun Condition
This error mean that the speed is not adapted for the running application:
An OverRun condition occurs when a byte has been received whereas the previous one
has not been read by the application yet.
The last byte (which generate the overrun error) does not overwrite the unread data so
that it can still be read. Therefore, an overrun error always indicates the loss of data.
Interrupts
Three SPI status flags can generate a CPU interrupt requests:
Table 47. SPI Interrupts
Serial Peripheral data transfer flag, SPIF: This bit is set by hardware when a transfer
has been completed. SPIF bit generates transmitter CPU interrupt request only when
SPTEIE is disabled.
Mode Fault flag, MODF: This bit is set to indicate that the level on the SS is inconsistent
with the mode of the SPI (in both master and slave modes).
Serial Peripheral Transmit Register empty flag, SPTE: This bit is set when the transmit
buffer is empty (other data can be loaded is SPDAT). SPTE bit generates transmitter
CPU interrupt request only when SPTEIE is enabled.
Note: While using SPTE interruption for “burst mode” transfers (SPTEIE=’1’), the
user software application should take care to clear SPTEIE, during the last but one
data reception (to be able to generate an interrupt on SPIF flag at the end of the last
data reception).
SCK
1
2
3
SCK cycle #
0
SS
(slave)
(from master)
MODF detected
B6
MSB
B6
MSB
0
z
1
0
z
1
0
z
1
0
z
1
0
MODF detected
MOSI
MISO
(from master)
(from slave)
MSB
B5
B4
4
Flag
Request
SPIF (SPI data transfer)
SPI Transmitter Interrupt Request
MODF (Mode Fault)
SPI mode-fault Interrupt Request
SPTE (Transmit register empty)
SPI transmit register empty Interrupt Request



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com