Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 93 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 93 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 89Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 90Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 91Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 92Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 93Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 94Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 95Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 96Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 97Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 140 page
background image
93
AT89C51AC3
4383D–8051–02/08
Reset Value = 00X0 XXXXb
Not Bit addressable
4
MODF
Mode Fault
- Set by hardware to indicate that the SS pin is in inappropriate logic level (in both
master and slave modes).
- Cleared by hardware when reading SPSCR
When MODF error occurred:
- In slave mode: SPI interface ignores all transmitted data while SS remains high.
A new transmission is perform as soon as SS returns low.
- In master mode: SPI interface is disabled (SPEN=0, see description for SPEN
bit in SPCON register).
3
SPTE
Serial Peripheral Transmit register Empty
- Set by hardware when transmit register is empty (if needed, SPDAT can be
loaded with another data).
- Cleared by hardware when transmit register is full (no more data should be
loaded in SPDAT).
2
UARTM
Serial Peripheral UART mode
Set and cleared by software:
- Clear: Normal mode, data are transmitted MSB first (default)
- Set: UART mode, data are transmitted LSB first.
1
SPTEIE
Interrupt Enable for SPTE
Set and cleared by software:
- Set to enable SPTE interrupt generation (when SPTE goes high, an interrupt is
generated).
- Clear to disable SPTE interrupt generation
Caution: When SPTEIE is set no interrupt generation occurred when SPIF flag
goes high. To enable SPIF interrupt again, SPTEIE should be cleared.
0
MODFIE
Interrupt Enable for MODF
Set and cleared by software:
- Set to enable MODF interrupt generation
- Clear to disable MODF interrupt generation
Bit
Number
Bit
Mnemonic Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com