Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 51 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 51 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 47Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 48Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 49Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 50Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 51Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 52Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 53Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 54Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 55Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 140 page
background image
51
AT89C51AC3
4383D–8051–02/08
Power Down Request
Before entering in Power Down (Set bit PD in PCON register) the user should check that
no write sequence is in progress (check BUSY=0), then check that the column latches
are reset (FLOAD=0 in FSTA register. Launch a reset column latches to clear FLOAD if
necessary.
Reading the Flash Spaces
User
The following procedure is used to read the User space:
•
Read one byte in Accumulator by executing MOVC A,@A+DPTR with
A+DPTR=read@.
Note:
FCON is supposed to be reset when not needed.
Extra Row
The following procedure is used to read the Extra Row space and is summarized in
Figure 28:
•
Map the Extra Row space by writing 02h in FCON register.
•
Read one byte in Accumulator by executing MOVC A,@A+DPTR with A = 0 and
DPTR = FF80h to FFFFh.
•
Clear FCON to unmap the Extra Row.
Hardware Security Byte
The following procedure is used to read the Hardware Security space and is
summarized in Figure 28:
•
Map the Hardware Security space by writing 04h in FCON register.
•
Read the byte in Accumulator by executing MOVC A,@A+DPTR with A = 0 and
DPTR = 0000h.
Figure 28. Clear FCON to unmap the Hardware Security Byte.Reading Procedure
Flash Protection from Parallel
Programming
The three lock bits in Hardware Security Byte (see "In-System Programming" section)
are programmed according to Table 17 provide different level of protection for the on-
chip code and data located in FM0 and FM1.
The only way to write this bits are the parallel mode. They are set by default to level 4
Flash Spaces Reading
Flash Spaces Mapping
FCON= 00000xx0b
Data Read
DPTR= Address
ACC= 0
Exec: MOVC A, @A+DPTR
Clear Mode
FCON = 00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com