Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 4Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 5Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 6Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 7Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 8Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 9Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 10Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 11Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 140 page
background image
8
AT89C51AC3
4383D–8051–02/08
Figure 1. Port 1, Port 3 and Port 4 Structure
Note:
The internal pull-up can be disabled on P1 when analog function is selected.
Port 0 and Port 2
Ports 0 and 2 are used for general-purpose I/O or as the external address/data bus. Port
0, shown in Figure 3, differs from the other Ports in not having internal pull-ups. Figure 3
shows the structure of Port 2. An external source can pull a Port 2 pin low.
To use a pin for general-purpose output, set or clear the corresponding bit in the Px reg-
ister (x = 0 or 2). To use a pin for general-purpose input, set the bit in the Px register to
turn off the output driver FET.
Figure 2. Port 0 Structure
Notes:
1. Port 0 is precluded from use as general-purpose I/O Ports when used as
address/data bus drivers.
2. Port 0 internal strong pull-ups assist the logic-one output for memory bus cycles only.
Except for these bus cycles, the pull-up FET is off, Port 0 outputs are open-drain.
D
CL
Q
P1.X
LATCH
INTERNAL
WRITE
TO
LATCH
READ
PIN
READ
LATCH
P1.x
P3.X
P4.X
ALTERNATE
OUTPUT
FUNCTION
VCC
INTERNAL
PULL-UP (1)
ALTERNATE
INPUT
FUNCTION
P3.x
P4.x
BUS
D
Q
P0.X
LATCH
INTERNAL
WRITE
TO
LATCH
READ
PIN
READ
LATCH
0
1
P0.x (1)
ADDRESS LOW/
DATA
CONTROL
VDD
BUS
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com