Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 56 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 56 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 52Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 53Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 54Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 55Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 56Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 57Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 58Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 59Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 60Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 140 page
background image
56
AT89C51AC3
4383D–8051–02/08
In-System
Programming (ISP)
With the implementation of the User Space (FM0) and the Boot Space (FM1) in Flash
technology the AT89C51AC3 allows the system engineer the development of applica-
tions with a very high level of flexibility. This flexibility is based on the possibility to alter
the customer program at any stages of a product’s life:
•
Before assembly the 1st personalization of the product by programming in the FM0
and if needed also a customized Boot loader in the FM1.
Atmel provide also a standard UART Boot loader by default.
•
After assembling on the PCB in its final embedded position by serial mode via the
UART.
This In-System Programming (ISP) allows code modification over the total lifetime of the
product.
Besides the default Boot loader Atmel provide to the customer also all the needed Appli-
cation-Programming-Interfaces (API) which are needed for the ISP. The API are located
also in the Boot memory.
This allow the customer to have a full use of the 64-Kbyte user memory.
Flash Programming and
Erasure
There are three methods of programming the Flash memory:
•
The Atmel bootloader located in FM1 is activated by the application. Low level API
routines (located in FM1)will be used to program FM0. The interface used for serial
downloading to FM0 is the UART. API can be called also by the user’s bootloader
located in FM0 at [SBV]00h.
•
A further method exists in activating the Atmel boot loader by hardware activation.
•
The FM0 can be programmed also by the parallel mode using a programmer.
Figure 29. Flash Memory Mapping
Boot Process
Software Boot Process
Example
Many algorithms can be used for the software boot process. Before describing them,
The description of the different flags and Bytes is given below:
F800h
FFFFh
64K Bytes
Flash memory
2K Bytes IAP
bootloader
FM0
FM1
Custom
Boot Loader
[SBV]00h
FFFFh
FM1 mapped between F800h and FFFFh
when API called
0000h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com