Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 42 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 38Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 39Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 40Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 41Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 42Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 43Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 44Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 45Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 140 page
background image
42
AT89C51AC3
4383D–8051–02/08
FM0 Memory Architecture
The Flash memory is made up of 4 blocks (see Figure 23):
•
The memory array (user space) 64K Bytes
•
The Extra Row
•
The Hardware security bits
•
The column latch registers
User Space
This space is composed of a 64K Bytes Flash memory organized in 512 pages of 128
Bytes. It contains the user’s application code.
Extra Row (XRow)
This row is a part of FM0 and has a size of 128 Bytes. The extra row may contain infor-
mation for boot loader usage.
Hardware security Byte (HSB)
The Hardware security Byte space is a part of FM0 and has a size of 1 byte.
The 4 MSB can be read/written by software (from FM0 and , the 4 LSB can only be read
by software and written by hardware in parallel mode.
H Hardware Security Byte (HSB)
Column Latches
The column latches, also part of FM0, have a size of full page (128 Bytes).
The column latches are the entrance buffers of the three previous memory locations
(user array, XROW and Hardware security byte). The column latches are write only and
can be accessed only from FM1 (boot mode) and from external memory
Cross Flash Memory Access
Description
The FM0 memory can be program only from FM1. Programming FM0 from FM0 or from
external memory is impossible.
The FM1 memory can be program only by parallel programming.
The Table show all software Flash access allowed.
7
6
5
4
3
2
1
0
X2
BLJB
-
-
-
LB2
LB1
LB0
Bit
Number
Bit
Mnemonic
Description
7
X2
X2 Mode
Programmed (=’0’) to force X2 mode (6 clocks per instruction) after reset
Unprogrammed to force X1 mode, Standard Mode, afetr reset (Default)
6
BLJB
Boot Loader Jump Bit
When unprogrammed (=’1’), at the next reset :
-ENBOOT=0 (see code space memory configuration)
-Start address is 0000h (PC=0000h)
When programmed (=’0’)at the nex reset:
-ENBOOT=1 (see code space memory configuration)
-Start address is F800h (PC=F800h)
5
-
Reserved
4
-
Reserved
3
-
Reserved
2-0
LB2-0
General Memory Lock Bits (only programmable by programmer tools)
Section “Flash Protection from Parallel Programming”, page 51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com