Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 79 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 79 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 75Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 76Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 77Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 78Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 79Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 80Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 81Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 82Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 83Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 140 page
background image
79
AT89C51AC3
4383D–8051–02/08
Watchdog Timer
AT89C51AC3 contains a powerful programmable hardware Watchdog Timer (WDT)
that automatically resets the chip if it software fails to reset the WDT before the selected
time interval has elapsed. It permits large Time-Out ranking from 16ms to 2s @Fosc =
12MHz in X1 mode.
This WDT consists of a 14-bit counter plus a 7-bit programmable counter, a Watchdog
Timer reset register (WDTRST) and a Watchdog Timer programming (WDTPRG) regis-
ter. When exiting reset, the WDT is -by default- disable.
To enable the WDT, the user has to write the sequence 1EH and E1H into WDTRST
register no instruction in between. When the Watchdog Timer is enabled, it will incre-
ment every machine cycle while the oscillator is running and there is no way to disable
the WDT except through reset (either hardware reset or WDT overflow reset). When
WDT overflows, it will generate an output RESET pulse at the RST pin. The RESET
pulse duration is 96xTOSC, where TOSC=1/FOSC. To make the best use of the WDT, it
should be serviced in those sections of code that will periodically be executed within the
time required to prevent a WDT reset
Note:
When the Watchdog is enable it is impossible to change its period.
Figure 42. Watchdog Timer
÷
6
÷
PS
CPU and Peripheral
Clock
Fwd
CLOCK
WDTPRG
RESET
Decoder
Control
WDTRST
WR
Enable
14-bit COUNTER
7-bit COUNTER
Outputs
RESET
-
-
-
-
-
2
1
0
Fwd Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com