Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 97 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 97 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 93Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 94Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 95Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 96Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 97Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 98Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 99Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 100Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 101Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 140 page
background image
97
AT89C51AC3
4383D–8051–02/08
Figure 55. PCA Capture Mode
16-bit Software Timer
Mode
The PCA modules can be used as software timers by setting both the ECOM and MAT
bits in the modules CCAPMn register. The PCA timer will be compared to the module’s
capture registers and when a match occurs an interrupt will occur if the CCFn (CCON
SFR) and the ECCFn (CCAPMn SFR) bits for the module are both set.
Figure 56. PCA 16-bit Software Timer and High Speed Output Mode
CEXn
n = 0, 4
PCA Counter
CH
(8bits)
CL
(8bits)
CCAPnH CCAPnL
CCFn
CCON
PCA
Interrupt
Request
-
0CAPPn CAPNn
000
ECCFn
7
CCAPMn Register (n = 0, 4)
0
CCAPnL
(8 bits)
CCAPnH
(8 bits)
-
ECOMn0 0 MATn TOGn0 ECCFn
7
0
CCAPMn Register
(n = 0, 4)
CH
(8 bits)
CL
(8 bits)
16-Bit Comparator
Match
Enable
CCFn
CCON reg
PCA
Interrupt
Request
CEXn
Compare/Capture Module
PCA Counter
“0”
“1”
Reset
Write to
CCAPnL
Write to CCAPnH
For software Timer mode, set ECOMn and MATn.
For high speed output mode, set ECOMn, MATn and TOGn.
Toggle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com