Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 101 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 101 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 97Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 98Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 99Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 100Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 101Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 102Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 103Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 104Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 105Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 140 page
background image
101
AT89C51AC3
4383D–8051–02/08
Table 51. CCON Register
CCON (S:D8h)
PCA Counter Control Register
Reset Value = 00X0 0000b
7
6
5
4
3
2
1
0
CF
CR
-
CCF4
CCF3
CCF2
CCF1
CCF0
Bit
Number
Bit
Mnemonic Description
7
CF
PCA Timer/Counter Overflow flag
Set by hardware when the PCA Timer/Counter rolls over. This generates a PCA
interrupt request if the ECF bit in CMOD register is set.
Must be cleared by software.
6
CR
PCA Timer/Counter Run Control bit
Clear to turn the PCA Timer/Counter off.
Set to turn the PCA Timer/Counter on.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
CCF4
PCA Module 4 Compare/Capture flag
Set by hardware when a match or capture occurs. This generates a PCA
interrupt request if the ECCF 4 bit in CCAPM 4 register is set.
Must be cleared by software.
3
CCF3
PCA Module 3 Compare/Capture flag
Set by hardware when a match or capture occurs. This generates a PCA
interrupt request if the ECCF 3 bit in CCAPM 3 register is set.
Must be cleared by software.
2
CCF2
PCA Module 2 Compare/Capture flag
Set by hardware when a match or capture occurs. This generates a PCA
interrupt request if the ECCF 2 bit in CCAPM 2 register is set.
Must be cleared by software.
1
CCF1
PCA Module 1 Compare/Capture flag
Set by hardware when a match or capture occurs. This generates a PCA
interrupt request if the ECCF 1 bit in CCAPM 1 register is set.
Must be cleared by software.
0
CCF0
PCA Module 0 Compare/Capture flag
Set by hardware when a match or capture occurs. This generates a PCA
interrupt request if the ECCF 0 bit in CCAPM 0 register is set.
Must be cleared by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com