Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 80 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 76Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 77Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 78Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 79Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 80Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 81Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 82Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 83Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 140 page
background image
80
AT89C51AC3
4383D–8051–02/08
Watchdog Programming
The three lower bits (S0, S1, S2) located into WDTPRG register permit to program the
WDT duration.
Table 42. Machine Cycle Count
To compute WD Time-Out, the following formula is applied:
Note:
Svalue represents the decimal value of (S2 S1 S0)
The following table outlines the time-out value for FoscXTAL = 12 MHz in X1 mode
Table 43. Time-Out Computation
S2
S1
S0
Machine Cycle Count
0
0
0
214 - 1
0
0
1
215 - 1
0
1
0
216 - 1
0
1
1
217 - 1
1
0
0
218 - 1
1
0
1
219 - 1
1
1
0
220 - 1
1
1
1
221 - 1
S2
S1
S0
Fosc = 12 MHz
Fosc = 16 MHz
Fosc = 20 MHz
0
0
0
16.38 ms
12.28 ms
9.82 ms
0
0
1
32.77 ms
24.57 ms
19.66 ms
0
1
0
65.54 ms
49.14 ms
39.32 ms
0
1
1
131.07 ms
98.28 ms
78.64 ms
1
0
0
262.14 ms
196.56 ms
157.28 ms
1
0
1
524.29 ms
393.12 ms
314.56 ms
1
1
0
1.05 s
786.24 ms
629.12 ms
1
1
1
2.10 s
1.57 s
1.25 s
FTime
Out
F
w d
12
2
14
2
Svalue
×
(
)
1
–
(
)
×
-----------------------------------------------------------------
=
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com