Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 110 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 110 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 106Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 107Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 108Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 109Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 110Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 111Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 112Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 113Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 114Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 140 page
background image
110
AT89C51AC3
4383D–8051–02/08
Registers
Table 58. ADCF Register
ADCF (S:F6h)
ADC Configuration
Reset Value =0000 0000b
Table 59. ADCON Register
ADCON (S:F3h)
ADC Control Register
Reset Value =X000 0000b
7
6
5
4
3
2
1
0
CH 7
CH 6
CH 5
CH 4
CH 3
CH 2
CH 1
CH 0
Bit
Number
Bit
Mnemonic Description
7-0
CH 0:7
Channel Configuration
Set to use P1.x as ADC input.
Clear to use P1.x as standart I/O port.
7
6
5
4
3
2
1
0
-
PSIDLE
ADEN
ADEOC
ADSST
SCH2
SCH1
SCH0
Bit
Number
Bit
Mnemonic Description
7
-
6
PSIDLE
Pseudo Idle Mode (Best Precision)
Set to put in idle mode during conversion
Clear to convert without idle mode.
5
ADEN
Enable/Standby Mode
Set to enable ADC
Clear for Standby mode (power dissipation 1 uW).
4
ADEOC
End Of Conversion
Set by hardware when ADC result is ready to be read. This flag can generate an
interrupt.
Must be cleared by software.
3
ADSST
Start and Status
Set to start an A/D conversion.
Cleared by hardware after completion of the conversion
2-0
SCH2:0
Selection of Channel to Convert
see Table 57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com