Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51AC3-RDTIM Datasheet(PDF) 121 Page - ATMEL Corporation

Part # AT89C51AC3-RDTIM
Description  Enhanced 8-bit Microcontroller with 64KB Flash Memory
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51AC3-RDTIM Datasheet(HTML) 121 Page - ATMEL Corporation

Back Button AT89C51AC3-RDTIM Datasheet HTML 117Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 118Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 119Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 120Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 121Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 122Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 123Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 124Page - ATMEL Corporation AT89C51AC3-RDTIM Datasheet HTML 125Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 140 page
background image
121
AT89C51AC3
4383D–8051–02/08
Electrical Characteristics
Absolute Maximum Ratings
DC Parameters for Standard Voltage
TA = -40°C to +85°C; VSS = 0V;
VCC =2.7V to 5.5V and F = 0 to 40 MHz (both internal and external code execution)
VCC =4.5V to 5.5V and F = 0 to 60 MHz (internal code execution only)
Ambiant Temperature Under Bias:
I = industrial ....................................................... -40°C to 85°C
Storage Temperature .................................... -65°C to + 150°C
Voltage on V
CC from VSS ......................................-0.5V to + 6V
Voltage on Any Pin from V
SS..................... -0.5V to VCC + 0.2V
Power Dissipation .............................................................. 1 W
Table 71. DC Parameters in Standard Voltage
Symbol
Parameter
Min
Typ(5)
Max
Unit
Test Conditions
VIL
Input Low Voltage
-0.5
0.2Vcc - 0.1
V
VIH
Input High Voltage except XTAL1, RST
0.2 VCC + 0.9
VCC + 0.5
V
VIH1
Input High Voltage, XTAL1, RST
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage, ports 1, 2, 3 and 4(6)
0.3
0.45
1.0
V
V
V
IOL = 100 µA
(4)
IOL = 1.6 mA
(4)
IOL = 3.5 mA
(4)
VOL1
Output Low Voltage, port 0, ALE, PSEN (6)
0.3
0.45
1.0
V
V
V
IOL = 200 µA
(4)
IOL = 3.2 mA
(4)
IOL = 7.0 mA
(4)
VOH
Output High Voltage, ports 1, 2, 3, and 4
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
IOH = -10 µA
IOH = -30 µA
IOH = -60 µA
VCC = 3V to 5.5V
VOH1
Output High Voltage, port 0, ALE, PSEN
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
IOH = -200 µA
IOH = -3.2 mA
IOH = -7.0 mA
VCC = 5V ± 10%
R
RST
RST Pulldown Resistor
50
100
200
kΩ
I
IL
Logical 0 Input Current ports 1, 2, 3 and 4
-50
µ
A
Vin = 0.45V
I
LI
Input Leakage Current
±
10
µ
A
0.45V < Vin < V
CC
ITL
Logical 1 to 0 Transition Current, ports 1, 2, 3
and 4
-650
µ
A
Vin = 2.0V
C
IO
Capacitance of I/O Buffer
10
pF
Fc = 1 MHz
TA = 25°C
IPD
Power-down Current
75
150
µ
A
3V < VCC < 5.5V
(3)
Note:
Stresses at or above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions may affect
device reliability.
The power dissipation is based on the maximum allowable
die temperature and the thermal resistance of the package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com