Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 72 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 68Page - ATMEL Corporation ATtiny43U Datasheet HTML 69Page - ATMEL Corporation ATtiny43U Datasheet HTML 70Page - ATMEL Corporation ATtiny43U Datasheet HTML 71Page - ATMEL Corporation ATtiny43U Datasheet HTML 72Page - ATMEL Corporation ATtiny43U Datasheet HTML 73Page - ATMEL Corporation ATtiny43U Datasheet HTML 74Page - ATMEL Corporation ATtiny43U Datasheet HTML 75Page - ATMEL Corporation ATtiny43U Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 182 page
background image
72
8048B–AVR–03/09
ATtiny43U
Table 11-4 on page 72 to Table 11-6 on page 73 relate the alternate functions of Port A to the
overriding signals shown in Figure 11-5 on page 68.
Table 11-5.
Overriding Signals for Alternate Functions in PA5..PA4
Table 11-4.
Overriding Signals for Alternate Functions in PA7..PA6
Signal
Name
PA7/RESET/
dW/PCINT7
PA6/ PCINT6
PUOE
RSTDISBL (1)+ MONCOM_ENABLE
1.
RSTDISBL is 1 when the Fuse is “0” (Programmed).
EXT_CLK (2)
2.
EXT_CLOCK = external clock is selected as system clock
PUOV
1
0
DDOE
RSTDISBL(1) + MONCOM_ENABLE
EXT_CLK(2)
DDOV
MONCOM_ENABLE • debugWire
Transmit
0
PVOE
RSTDISBL(1) + MONCOM_ENABLE
EXT_CLK(2)
PVOV
0
0
PTOE
0
0
DIEOE
RSTDISBL(1) + MONCOM_ENABLE +
PCINT7 • PCIE0
EXT_CLK(2) + (PCINT6 • PCIE0)
DIEOV
MONCOM_ENABLE +
MONCOM_ENABLE • RSTDISBL(1) •
PCINT7 • PCIE0)
(EXT_CLK(2) • PWR_DOWN) +
(EXT_CLK(2) • PCINT7 • PCIE0)
DI
dW/PCINT7 Input
CLKI/PCINT6 Input
AIO
Signal
Name
PA5/AIN1/ PCINT5
PA4/AIN0/PCINT4
PUOE
0
0
PUOV
0
0
DDOE
0
0
DDOV
0
0
PVOE
0
0
PVOV
0
0
PTOE
0
0
DIEOE
(PCINT5 • PCIE) + AIN1D
(PCINT4 • PCIE0) + AIN0D
DIEOV
PCINT5 • PCIE0
PCINT4 • PCIE0
DI
PCINT5 Input
PCINT4 input
AIO
Analog Comparator Negative Input
Analog Comparator Positive Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com