Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 76 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 76 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 72Page - ATMEL Corporation ATtiny43U Datasheet HTML 73Page - ATMEL Corporation ATtiny43U Datasheet HTML 74Page - ATMEL Corporation ATtiny43U Datasheet HTML 75Page - ATMEL Corporation ATtiny43U Datasheet HTML 76Page - ATMEL Corporation ATtiny43U Datasheet HTML 77Page - ATMEL Corporation ATtiny43U Datasheet HTML 78Page - ATMEL Corporation ATtiny43U Datasheet HTML 79Page - ATMEL Corporation ATtiny43U Datasheet HTML 80Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 182 page
background image
76
8048B–AVR–03/09
ATtiny43U
Table 11-9 on page 76 to Table 11-12 on page 77 relate the alternate functions of Port B to the
overriding signals shown in Figure 11-5 on page 68.
Table 11-9.
Overriding Signals for Alternate Functions in PB7..PB6
Signal
Name
PB7/INT0/PCINT15
PB6/PCINT14
PUOE
0
0
PUOV
0
0
DDOE
0
USIWM1
DDOV
0
USI_SCL_HOLD + PORTB6
PVOE
0
USIWM1
PVOV
0
0
PTOE
0
USIPTOE
DIEOE
(PCINT15 • PCIE1) + INT0
(PCINT14 • PCIE1) + USISIE
DIEOV
(PCINT15 • PCIE1) + INT0
(PCINT14 • PCIE1) + USISIE
DI
INT0/PCINT15
PCINT14/USCK/SCL
AIO
Table 11-10. Overriding Signals for Alternate Functions in PB5..PB4
Signal
Name
PB5/OC1B/PCINT13
PB4/OC1A/PCINT10
PUOE
0
0
PUOV
0
0
DDOE
0
USIWM1
DDOV
0
(SDA + PORTB4) • DDRB4
PVOE
OC1B Enable + (USIWM1 • USIWM0)
OC1A Enable + (USIWM1 • DDRB4)
PVOV
OC1B • (~USIWM1• USIWM0) + USIWM1
• USIWM0 • DO
OC1A • (USIWM1• DDRB4)
PTOE
0
0
DIEOE
PCINT13 • PCIE1
PCINT10 • PCIE1 + USISIE
DIEOV
PCINT13 • PCIE1
PCINT10 • PCIE1 + USISIE
DI
PCINT13
PCINT10/DI/SDA
AIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com