Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 42 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 38Page - ATMEL Corporation ATtiny43U Datasheet HTML 39Page - ATMEL Corporation ATtiny43U Datasheet HTML 40Page - ATMEL Corporation ATtiny43U Datasheet HTML 41Page - ATMEL Corporation ATtiny43U Datasheet HTML 42Page - ATMEL Corporation ATtiny43U Datasheet HTML 43Page - ATMEL Corporation ATtiny43U Datasheet HTML 44Page - ATMEL Corporation ATtiny43U Datasheet HTML 45Page - ATMEL Corporation ATtiny43U Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 182 page
background image
42
8048B–AVR–03/09
ATtiny43U
Figure 8-7.
Typical Output Voltage of Boost Converter at Constant Full Duty Cycle.
See section “Software Control of Boost Converter” on page 42 for instructions on how to turn on
and off duty cycle control.
The use of Full Duty Cycle mode is recommended only at low load currents.
8.4
Overload Behaviour
The output is considered overloaded when the load current, I
LOAD, exceeds the maximum given
in Table 20-7 on page 159. During an overload condition the boost converter operates at maxi-
mum duty cycle and can no longer regulate V
CC. If the overload condition prevails the output
voltage will drop as load current increases. If V
CC drops below its minimum level the converter
will switch to Start Mode.
In Start Mode the converter has a low load current capability, which means nearly all overload
current will be drained straight from the battery (or other power source) via the inductor and the
diode. The resistance of the inductor is typically very low and, provided the voltage of the power
source remains constant, the output voltage during overload will stabilise to battery voltage,
V
BAT, minus the forward voltage drop, VF, of the diode used.
8.5
Software Control of Boost Converter
The boost converter is an independent hardware module that requires no interaction by the
microcontroller, although some features can be controlled by firmware. Features that can be
controlled by firmware are described in the following sections.
8.5.1
Stopping the Boost Converter
The device firmware can stop the boost converter on demand. When issued a stop signal, the
boost converter will exit Active Mode and enter Stop Mode, as illustrated in Figure 8-3 on page
37. This procedure allows the device to read true battery voltage using the on-board ADC,
assess if the voltage is sufficient for the selected battery chemistry and then control the boost
converter accordingly.
VCC
FDC = ON
FDC = OFF
DUTY
CYCLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com