Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATtiny43U Datasheet(PDF) 37 Page - ATMEL Corporation

Part # ATtiny43U
Description  8-bit Microcontroller with 4K Bytes In-System Programmable Flash and Boost Converter
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATtiny43U Datasheet(HTML) 37 Page - ATMEL Corporation

Back Button ATtiny43U Datasheet HTML 33Page - ATMEL Corporation ATtiny43U Datasheet HTML 34Page - ATMEL Corporation ATtiny43U Datasheet HTML 35Page - ATMEL Corporation ATtiny43U Datasheet HTML 36Page - ATMEL Corporation ATtiny43U Datasheet HTML 37Page - ATMEL Corporation ATtiny43U Datasheet HTML 38Page - ATMEL Corporation ATtiny43U Datasheet HTML 39Page - ATMEL Corporation ATtiny43U Datasheet HTML 40Page - ATMEL Corporation ATtiny43U Datasheet HTML 41Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 182 page
background image
37
8048B–AVR–03/09
Figure 8-2.
Typical Connection of Boost Converter.
When the boost converter is not connected the microcontroller can be powered directly from an
external source and is then subject to the standard supply voltage limits defined in “Electrical
Characteristics” on page 155.
It is recommended to disable the Brown-Out Detection (BOD) circuit when using the integrated
boost converter. This is because supply voltage of the microcontroller can drop to lowest BOD
levels during regular operation. See “Brown-out Detection” on page 50.
8.2
Modes of Operation
The boost converter has three main modes of operation; Stop, Start, and Active. Operation
begins from Stop Mode and is transferred to Start Mode when input voltage, V
BAT, is sufficiently
high for stable operation. When the converter has managed to raise the output voltage, V
CC, to a
sustainable level control is then transferred to the main mode of operation, Active Mode.
The modes of operation are illustrated in Figure 8-3, below.
Figure 8-3.
Operating Modes of Boost Converter.
PB0
PB1
PB2
PB3
PB4
PB5
PB6
PB7
VCC
GND
PA7
PA6
PA5
PA4
PA3
PA2
PA1
PA0
VBAT
LSW
C4
C3
C2
C1
R1
L1
D1
VIN
START
MODE
STOP
MODE
< V
ST
OP
FIR
MW
A
VCC < VBOOS
T
V
CC
> VBOOST
ENTRY
REGULATED
LOW CURRENT
ACTIVE
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com